Electronic Components Datasheet Search |
|
AML21CBC2DD Datasheet(PDF) 8 Page - Honeywell Accelerometers |
|
AML21CBC2DD Datasheet(HTML) 8 Page - Honeywell Accelerometers |
8 / 9 page Manual Switches AML27 Series Electronic Control Keylock 20 Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA 1-815-235-6847 International 1-800-737-3360 Canada NON-LIGHTED FEATURES Enable control of access to computer peripherals, keyboards, point-of-sale terminals, and security systems which are locked when unattended; and other locations where tampering must be discouraged. 2 or 3 positions, maintained (90° throw) and momentary action (60° throw). 5-bit key combinations Electrical Data page 11 Accessories pages 44/45 Mounting Dimensions pages 47/50 UL recognized, CSA certified. Static discharge protection (up to 20 kV when grounded). AML27 ORDER GUIDE AML27 A B K 2 AA 21 BA Circuitry Codes Operation Action Housing Bezel Button Terminal (Each pole has (Key out in center position, Key Type Color Color Type double-throw) except where noted) Combinations AML27 A B K 2 Silver Contacts: (Two Keys Black Black .110 × .020 AA Furnished) Square (Solder or 1 pole housing Quick-Connect) AC BA BS 2 pole BB BT Non-Lighted 3 BD BV .025 × .025 Gold Contacts: BE BW (Printed BA Circuit or 1 pole Push-On) BC 2 pole CCW Center CW 21 None Maint. Maint. 22* None Maint. Maint. 23 None Maint. Mom. 24 Maint. Maint. Maint. 25 Mom. Maint. Mom. 26** Maint. Maint. Maint. 27*** Mom. Maint. Maint. 28*** Maint. Maint. Maint. 29† Maint. Maint. Maint. 30† Maint. Maint. Mom. 31†† Maint. Maint. Mom. * Key out in both positions. ** Key out in all three positions. *** Key out in center and CW positions. † Key out in center and CCW positions. †† Key out in CCW only. REPLACEMENT KEYS One key per listing. Key Com- bination Key Code Catalog Listing BA 110 30PA101-AML BB 109 30PA102-AML BD 107 30PA104-AML BE 106 30PA105-AML BS 117 30PA117-AML BT 118 30PA118-AML BV 119 30PA119-AML BW 120 30PA120-AML Note: These keys fit the 5-bit keylocks in the Order Guide. Specify different Key Combinations to ac- quire different keys, i.e.; AML27ABK2AA21BB and AML27ABK2AA21BE have different keys. AML27ABK2AA21BB and AML27ABK3BC25BB have identical inter- changeable keys. Example: AML27ABK2AC28BB Square housing; black bezel and button; .110 × .020 terminals; 2-pole double-throw; silver contacts; 3-position maintained and key code ‘‘BB’’. CIRCUITRY 2-Position Switches: Key Turned Normal to Right Position* (CW) 1 Pole 2 Pole 3-Position Switches (Available in 2-pole only.) Key Turned to Left (CCW) Normal Position* Key Turned to Right (CW) 2 Pole * Circuit remains the same with key in or out. 28 and 29 op- erating actions should be used with Key Com- binations BA and BB. |
Similar Part No. - AML21CBC2DD |
|
Similar Description - AML21CBC2DD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |