Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

64318-3018 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 64318-3018
Description  .635mm, 1.50mm, 2.80mm, Power CMC Connector, 28 Circuits, Right Wire Output,
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

64318-3018 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  64318-3018 Datasheet HTML 1Page - Molex Electronics Ltd. 64318-3018 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 12/11/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
64318-3018
Status:
Active
Overview:
CMC Sealed, Hybrid, Modular Connectors and Headers
Description:
.635mm, 1.50mm, 2.80mm, Power CMC Connector, 28 Circuits, Right Wire Output,
Gray Coding, Mat Sealed
Documents:
3D Model
Application Specification AS-64318-002-SP (PDF)
Drawing (PDF)
Application Specification AS-98420-001 (PDF)
Product Specification PS-64318-001 (PDF)
Application Specification AS-98420-001-FR (PDF)
Product Specification PS-64321-001 (PDF)
Application Specification AS-98420-001-SP (PDF)
Application Specification AS-64318-002 (PDF)
Packaging Specification PK-98994-001 (PDF)
Application Specification AS-64318-002-FR (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
64318
Application
Power, Wire-to-Board
Application Tooling Part Link
63812-1100
Application Tooling Part Link
63824-1200
Comments
* Current tested on a fully loaded connector, current
for temperature increase of 40°C. Current max =
21.0A for 2.80mm Terminal (5.00mm² wire), 12.0A for
1.50mm Terminal (2.00mm² wire), 2.5A for 0.635mm
Terminal(0.75mm² wire) *
More Detailed Tech Information
Sealed, high-density, power, modular connecting
system for Power Train and Body Electronics
applications in cars, trucks, busses
Overview
CMC Sealed, Hybrid, Modular Connectors and Headers
Product Name
CMC
UPC
883906135140
Physical
Circuits (maximum)
28
Circuits Detail
5x 2.8mm, 5 x 1.5mm, 18 x 0.635mm terminals
Color - Resin
Gray
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
35.290/g
Number of Rows
3
Packaging Type
Carton
Panel Mount
No
Pitch - Mating Interface
2.54mm, 3.50mm, 6.75mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
12A, 2.5A, 21A
Material Info
Reference - Drawing Numbers
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
64318Series
Mates With
47745 CMC Header Please Contact Molex
for Details
Use With
Female Terminals 64322 CP 0.635, 64323
CP 1.5, 64324 CP 2.8 . Circuit Way Plugs,
64325-1010 , 64325-1023 , 64325-1091.
CMC Wire Cap, 64320-1301 , 64325-1162 ,
64325-1175 , 64325-1188 , 64325-1196
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Continuity Test Pen
Assembly
0638121100


Similar Part No. - 64318-3018

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
64318-3018 MOLEX-64318-3018 Datasheet
2Mb / 4P
   CMC Hybrid Connectors Standard and Power Versions
More results

Similar Description - 64318-3018

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0643183011 MOLEX1-0643183011_18 Datasheet
66Kb / 2P
   .635mm, 1.50mm, 2.80mm, Power CMC Connector, 28 Circuits, Right Wire Output
64318-3019 MOLEX11-64318-3019 Datasheet
78Kb / 2P
   .635mm, 1.50mm, 2.80mm, Power CMC Connector, 28 Circuits, Right Wire Output,
64318-3011 MOLEX11-64318-3011 Datasheet
78Kb / 2P
   .635mm, 1.50mm, 2.80mm, Power CMC Connector, 28 Circuits, Right Wire Output,
0643183019 MOLEX1-0643183019_18 Datasheet
66Kb / 2P
   .635mm, 1.50mm, 2.80mm, Power CMC Connector, 28 Circuits, Right Wire Output
0643183018 MOLEX1-0643183018_18 Datasheet
66Kb / 2P
   .635mm, 1.50mm, 2.80mm, Power CMC Connector, 28 Circuits, Right Wire Output,
64318-1019 MOLEX11-64318-1019 Datasheet
78Kb / 2P
   .635mm, 1.50mm, 2.80mm, Power CMC Connector, 28 Circuits, Left Wire Output,
0643181019 MOLEX1-0643181019_18 Datasheet
66Kb / 2P
   .635mm, 1.50mm, 2.80mm, Power CMC Connector, 28 Circuits, Left Wire Output,
64318-1011 MOLEX11-64318-1011 Datasheet
95Kb / 2P
   .635mm, 1.50mm, 2.80mm, Power CMC Receptacle, 28 Circuits, Left Wire Output,
0643181011 MOLEX1-0643181011_18 Datasheet
66Kb / 2P
   .635mm, 1.50mm, 2.80mm, Power CMC Receptacle, 28 Circuits, Left Wire Output
64318-1018 MOLEX11-64318-1018 Datasheet
78Kb / 2P
   .635mm, 1.50mm, 2.80mm, Power CMC Connector, 28 Circuits, Left Wire Output, Gray
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com