Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G536 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # G536
Description  5.0 x 3.2 x 1.2mm 6 pad SMD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

G536 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  G536 Datasheet HTML 1Page - EUROQUARTZ limited G536 Datasheet HTML 2Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
Industry-standard 5 x 3.2 x 1.2mm 6 pad SMD package
Frequency range 625kHz to 50.0MHz
CMOS/TTL Output
Supply Voltage 1.8, 3.3 or 5.0VDC
Integrated Phase Jitter 1ps maximum
OUTLINE & DIMENSIONS
Frequency Stability:
Frequency Change
vs. Input Voltage:
±5ppm max. (VDD±5%)
Input Voltage:
+1.8V±5%, +3.3V±5% or
5.0V±10%
Output Load
TTL:
2TTL gates
CMOS:
15pF
Rise/Fall Time
TTL:
6ns max, 4ns typ. (0.4V to 2.4V)
CMOS:
6ns max, 4ns typ. (20%~80% Vdd)
Duty Cycle:
50±10% standard, 50±5% option
Integrated Phase Jitter:
1ps maximum (12kHz to 20MHz)
Period Jitter RMS:
2.0ps typical
Period Jitter Peak to Peak:
14ps
Start-up time:
10ms max., 3ms typical
Current Consumption:
10 to 45mA, frequency dependant
(27MHz: 10mA typical at 3.3V,
20mA typical at 5.0VDC)
Linearity:
6% typical, 10% maximum
Modulation Bandwidth:
10kHz min., measured at Vcont =
1.65V or2.5V.
Input Impedance:
1MΩ typical
Slope Polarity:
Monotonic and Positive, increasing
control voltage increases output
frequency.
Ageing:
±3ppm per year maximum
RoHS Status:
RoHS Compliant and lead (Pb) free
Tri-State
Enable:
No connection to Tris-State pad or
Vdd -0.5V min. is applied.
Disable:
Tri-State pad grounded or +0.5V
max. is applied.
SUPPLY VOLTAGE-DEPENDENT SPECIFICATION
GENERAL SPECIFICATION
Page 1 of 2
DESCRIPTION & APPLICATIONS
G536 VCXOs are packaged in the industry-standard 5 x 3.2 x 1.2mm,
6 pad SMD package. G series VCXOs use fundamental mode crystal
oscillators for low phase noise. Applications include phase lock loop,
SONET/ATM, set-top boxes, MPEG , audio/video modulation, video
game consoles, Fibre Channel, FPGAs, Data Acquisition and HDTV.
5.0 x 3.2 x 1.2mm 6 pad SMD
G536 VCXO
625.0kHz ~ 50.0MHz
Input Voltage (Vdd):
Vdd = +1.8VDC ±5% Vdd = +2.5VDC ±5% Vdd = +3.3VDC ±5% Vdd = +5.0VDC ±10%
Frequency Range*:
16.0MHz ~ 50.0MHz
0.625MHz ~ 50.0MHz
0.625MHz ~ 50.0MHz
1.0MHz ~ 50.0MHz
Output Waveform:
TTL/CMOS
TTL/CMOS
TTL/CMOS
TTL/CMOS
Initial Frequency Accuracy:
To tune to nominal fr.
with Vc=0.9±0.15V
To tune to nominal fr.
with Vc=1.25±0.2V
To tune to nominal fr.
with Vc=1.65±0.2V
To tune to nominal fr.
with Vc=2.5±0.2V
Output Logic HIGH '1'
TTL:
- - - -
- - - -
2.4V (min.)
2.4V (min.)
CMOS:
1.62V (min.)
2.25V (min.)
2.97V (min.)
4.5V (min.)
Output Logic LOW '0'
TTL:
- - - -
- - - -
0.4V (max.)
0.4V (max.)
CMOS:
0.183V (max.)
0.25V (max.)
0.33 (max.)
0.5V (max.)
Frequency Deviation Range:
Standard: ±80ppm
(min.)
Standard: ±80ppm
(min.)
Standard: ±80ppm
(min.)
Std: ±80ppm (min.)
±200ppm available
Control Voltage Centre
0.9VDC
1.25VDC
1.62VDC
2.5VDC
Control Voltage Range:
0V to 1.8V
025V to 2.25V
0.3V to 3.0V
0.5V to 1.5V


Similar Part No. - G536

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
G536 MERCURY-G536 Datasheet
67Kb / 1P
   Voltage Controlled Crystal Oscillators
logo
Heyco.
G5360 HEYCO-G5360 Datasheet
124Kb / 1P
   Ergonomic Plugs for Square Tubing
G5365 HEYCO-G5365 Datasheet
139Kb / 1P
   Nylon D-Subminiature Mounting Hole Plugs
More results

Similar Description - G536

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XOB53 EUROQUARTZ-XOB53 Datasheet
207Kb / 2P
   5.0 x 3.2 x 1.2mm SMD HCMOS
G534 EUROQUARTZ-G534 Datasheet
237Kb / 1P
   5 x 3.2 x 1.2mm 4 pad SMD
logo
Transko Electronics, In...
CS53B TRANSKO-CS53B Datasheet
255Kb / 1P
   MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.2mm)
Rev 6: 02-07-2022
TFC5 TRANSKO-TFC5 Datasheet
316Kb / 2P
   TCXO/VCTCXO ULTRA MINIATURE SMD (5.0 x 3.2 x 1.2mm)
Rev 3: 03-02-2023
logo
EUROQUARTZ limited
G326 EUROQUARTZ-G326 Datasheet
181Kb / 2P
   3.2 x 2.5 x 1.0mm 6 pad SMD CMOS
MJ2 EUROQUARTZ-MJ2 Datasheet
148Kb / 1P
   5.0 x 3.2 x 0.9mm SMD
logo
Jauch Quartz Gmbh
JXS53P4 JAUCH-JXS53P4 Datasheet
143Kb / 2P
   4 Pad Version 5.0 x 3.2 mm
logo
Transko Electronics, In...
TSMV3 TRANSKO-TSMV3 Datasheet
380Kb / 1P
   CMOS MINIATURE SMD VCXO (3.2 x 2.5 x 1.2mm)
Rev. 3: Jun. 2015
TVM36 TRANSKO-TVM36 Datasheet
162Kb / 1P
   CMOS MINIATURE SMD VCXO (3.2 x 2.5 x 1.2mm)
Rev. 0: Jan. 2020
logo
EUROQUARTZ limited
HM53R EUROQUARTZ-HM53R Datasheet
278Kb / 2P
   5 x 3.2 x 1.2mm SMD - Specification Group R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com