Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPQF Datasheet(PDF) 4 Page - EUROQUARTZ limited

Part # GPQF
Description  LVPECL Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

GPQF Datasheet(HTML) 4 Page - EUROQUARTZ limited

  GPQF Datasheet HTML 1Page - EUROQUARTZ limited GPQF Datasheet HTML 2Page - EUROQUARTZ limited GPQF Datasheet HTML 3Page - EUROQUARTZ limited GPQF Datasheet HTML 4Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
Page 4 of 4
RECOMMENDED SOLDER TEMPERATURE PROFILE
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Preheat/Soak
- Temperature min. (Ts min.)
100°C
150°C
- Temperature max. (Ts max.)
150°C
200°
- Time (ts) (Ts min. to Ts max.)
60 to 120 seconds
60 to 180 seconds
Ramp-up Rate (TL to Tp)
3°C/second max.
3°C/second max.
Luiquidous temperature (TL)
183°C
217°C
Time (tL) maintained above TL
60 to 150 seconds
60 to 150 seconds
Peak package body temperature (Tp)
235°C
260°C
Time (Tp) within 5°C of the classification temperature Tc
10 to 30 seconds
20 to 40 seconds
Ramp-down rate (Tp to TL)
6°C/second max.
6°C/second max.
Time 25°C to peak temperature
6 minutes max.
8 minutes max.
'GPQF' LVPECL Output VCXOs
QF Series LVPECL VCXOs
10MHz to 1450MHz
TEST CIRCUIT


Similar Part No. - GPQF

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
GPQF536 MERCURY-GPQF536 Datasheet
145Kb / 1P
   SMD LVPECL Differential
GPQF576 MERCURY-GPQF576 Datasheet
142Kb / 1P
   SMD LVPECL Differential
More results

Similar Description - GPQF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHEZ-A5BP ETC2-CHEZ-A5BP Datasheet
52Kb / 1P
   LVPECL Oscillator LVPECL Output
logo
Oscilent Corporation
921 OSCILENT-921 Datasheet
141Kb / 2P
   LVPECL Output
logo
List of Unclassifed Man...
CAEZA5BP22.5792TS ETC2-CAEZA5BP22.5792TS Datasheet
52Kb / 1P
   LVPECL Output
logo
EUROQUARTZ limited
GPQN EUROQUARTZ-GPQN Datasheet
522Kb / 4P
   LVPECL Output
logo
Mercury United Electron...
GPF576 MERCURY-GPF576 Datasheet
125Kb / 1P
   SMD LVPECL output
GPF62 MERCURY-GPF62 Datasheet
123Kb / 1P
   SMD LVPECL output
GPF63 MERCURY-GPF63 Datasheet
122Kb / 1P
   SMD LVPECL output
GPW62 MERCURY-GPW62 Datasheet
122Kb / 1P
   SMD LVPECL output
GPW576 MERCURY-GPW576 Datasheet
124Kb / 1P
   SMD LVPECL output
GPW63 MERCURY-GPW63 Datasheet
122Kb / 1P
   SMD LVPECL output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com