Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPQF Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # GPQF
Description  LVPECL Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

GPQF Datasheet(HTML) 1 Page - EUROQUARTZ limited

  GPQF Datasheet HTML 1Page - EUROQUARTZ limited GPQF Datasheet HTML 2Page - EUROQUARTZ limited GPQF Datasheet HTML 3Page - EUROQUARTZ limited GPQF Datasheet HTML 4Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
'GPQF' LVPECL Output VCXOs
Low jitter <1.0ps phase jitter
Wide frequency Range 10.0MHz to 1450MHz
Low supply current <46mA (100MHz)
Very quick delivery leadtime
Supply voltage range 2.5V or 3.3Volts
Tristate function to conserve power
FEATURES
Output Logic Type:
LVPECL
Frequency Range:
10.0MHz to 1450MHz
Load:
Differential
Power Supply Voltage:
2.5±5%VDC or +3.3±10%VDC
Output Voltage 'HIGH':
VDD - 1.03V minimum
VDD - 0.6V maximum
Output Voltage 'LOW':
VDD - 1.85V minimum
VDD - 1.6V maximum
Frequency Stability:
±50ppm over -40° to +85°C*
Duty Cycle:
50%±2%
Rise Time:
150ps minimum**
Fall Time:
250ps maximum**
Current Consumption @+2.5VDD
100.000MHz:
46mA
250.000MHz:
48mA
500.00MHz:
53mA
750.00MHz:
56mA
1GHz:
60mA
1.35GHz:
65mA
Current Consumption @+3.3VDD
100.000MHz:
48mA
250.000MHz:
50mA
500.00MHz:
55mA
750.00MHz:
59mA
1GHz:
62mA
1.35GHz:
68mA
Current with output disabled: 16mA typical
Start-up Time:
10ms maximum
Ageing:
±2ppm max., first year, ±10ppm
max. over 10 years.
OE Control on Pad 1
Enable:
0.7% VDD min., or no connection
Disable:
0.3%VDD max., (high impedance).
Output Enable Time:
200ns max.
Output Disable Time:
50ns max.
Phase Jitter r.m.s.:
0.6ps typical (12kHz to 20MHz)
<100fs (1.875MHz to 20MHz)
GENERAL SPECIFICATION
QF Series LVPECL VCXOs
DESCRIPTION
10MHz to 1450MHz
('536' package displayed)
Page 1 of 4
'GPQF' series oscillators are a precision frequency control component,
providing a LVPECL output VCXO with low current consumption, a
wide frequency range with an integrated phase jitter performance of
1.0ps r.m.s. The part is available in two industry-standard packages,
7 x 5mm SMD and 5 x 3.2mm SMD.
CONTROL VOLTAGE FUNCTION (Pad 1)
Supply Voltage (Vdd)
+2.5 Volts
+3.3 Volts
VCON Centre:
+1.25 Volts
+1.65 Volts
V. Control Range:
+0.2V~+2.3V
+0.3V~+3.0V
Absolute Pulling Range
(APR):
±70ppm
Linearity:
±3% typical, ±10% max.
Transfer Function:
Positive transfer
Absolute Voltage:
2.8 Volts Max.
4.0 Volts max.
Input Impedance:
1MΩ typical
Bandwidth:
50kHz min., measured at -3dB
Example:
25GPQF536E-70A-100.00
PART NUMBERING
Supply Voltage
25 = 2.5 Volts
3 = 3.3 Volts
Series/Model
'GPQF' = QF series,
LVPECL output
Package
536 = 5.0mm x 3.2mm
576 = 7.0mm x 5.0mm
Temperature Stability
'E' = ±50ppm over -40° to +85°C
Pullability
70A = ±70ppm absolute pull range
Frequency in MHz
Notes:


Similar Part No. - GPQF

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
GPQF536 MERCURY-GPQF536 Datasheet
145Kb / 1P
   SMD LVPECL Differential
GPQF576 MERCURY-GPQF576 Datasheet
142Kb / 1P
   SMD LVPECL Differential
More results

Similar Description - GPQF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHEZ-A5BP ETC2-CHEZ-A5BP Datasheet
52Kb / 1P
   LVPECL Oscillator LVPECL Output
logo
Oscilent Corporation
921 OSCILENT-921 Datasheet
141Kb / 2P
   LVPECL Output
logo
List of Unclassifed Man...
CAEZA5BP22.5792TS ETC2-CAEZA5BP22.5792TS Datasheet
52Kb / 1P
   LVPECL Output
logo
EUROQUARTZ limited
GPQN EUROQUARTZ-GPQN Datasheet
522Kb / 4P
   LVPECL Output
logo
Mercury United Electron...
GPF576 MERCURY-GPF576 Datasheet
125Kb / 1P
   SMD LVPECL output
GPF62 MERCURY-GPF62 Datasheet
123Kb / 1P
   SMD LVPECL output
GPF63 MERCURY-GPF63 Datasheet
122Kb / 1P
   SMD LVPECL output
GPW62 MERCURY-GPW62 Datasheet
122Kb / 1P
   SMD LVPECL output
GPW576 MERCURY-GPW576 Datasheet
124Kb / 1P
   SMD LVPECL output
GPW63 MERCURY-GPW63 Datasheet
122Kb / 1P
   SMD LVPECL output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com