Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPQN Datasheet(PDF) 2 Page - EUROQUARTZ limited

Part # GPQN
Description  LVPECL Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

GPQN Datasheet(HTML) 2 Page - EUROQUARTZ limited

  GPQN Datasheet HTML 1Page - EUROQUARTZ limited GPQN Datasheet HTML 2Page - EUROQUARTZ limited GPQN Datasheet HTML 3Page - EUROQUARTZ limited GPQN Datasheet HTML 4Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
'GPQN' LVPECL Output VCXOs
QN Series VCXOs
10MHz to 1450MHz
GPQN SERIES PHASE NOISE & PHASE JITTER DATA
GPQN SERIES PHASE NOISE & PHASE JITTER DATA
Page 2 of 4
SSB
Phase
Noise
Data
(dBc/Hz
typical)
Frequency (MHz)
77.76
122.88
125.00
156.25
212.5
491.25
655.08
1000
1250
10Hz offset
-74
-68
-69
-67
-53
-56
-51
-46
-32
100Hz offset
-104
-98
-97
-92
-86
-87
-77
-80
-68
1kHz offset
-121
-114
-114
-112
-109
-101
-99
-96
-94
10kHz offset
-130
-123
-124
-121
-118
-110
-109
-105
-103
100kHz offset
-134
-127
-129
-124
-121
-113
-114
-108
-105
1MHz offset
-140
-138
-136
-136
-133
-125
-121
-116
-114
5MHz offset
-157
-155
-154
-153
-151
-143
-141
-135
-136
Phase Jitter (ps)
(12kHz ~ 20MHz. r.m.s.)
0.5
0.6
0.5
0.6
0.6
0.6
0.5
0.7
0.6


Similar Part No. - GPQN

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
GPQN536 MERCURY-GPQN536 Datasheet
145Kb / 1P
   SMD LVPECL Differential
GPQN576 MERCURY-GPQN576 Datasheet
142Kb / 1P
   SMD LVPECL Differential
More results

Similar Description - GPQN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHEZ-A5BP ETC2-CHEZ-A5BP Datasheet
52Kb / 1P
   LVPECL Oscillator LVPECL Output
logo
EUROQUARTZ limited
GPQF EUROQUARTZ-GPQF Datasheet
549Kb / 4P
   LVPECL Output
logo
Oscilent Corporation
921 OSCILENT-921 Datasheet
141Kb / 2P
   LVPECL Output
logo
List of Unclassifed Man...
CAEZA5BP22.5792TS ETC2-CAEZA5BP22.5792TS Datasheet
52Kb / 1P
   LVPECL Output
logo
Mercury United Electron...
GPF576 MERCURY-GPF576 Datasheet
125Kb / 1P
   SMD LVPECL output
GPF62 MERCURY-GPF62 Datasheet
123Kb / 1P
   SMD LVPECL output
GPF63 MERCURY-GPF63 Datasheet
122Kb / 1P
   SMD LVPECL output
GPW62 MERCURY-GPW62 Datasheet
122Kb / 1P
   SMD LVPECL output
GPW576 MERCURY-GPW576 Datasheet
124Kb / 1P
   SMD LVPECL output
GPW63 MERCURY-GPW63 Datasheet
122Kb / 1P
   SMD LVPECL output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com