Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS80C323-MCD Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS80C323-MCD
Description  High-Speed/Low-Power Micro
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C323-MCD Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS80C323-MCD Datasheet HTML 1Page - Dallas Semiconductor DS80C323-MCD Datasheet HTML 2Page - Dallas Semiconductor DS80C323-MCD Datasheet HTML 3Page - Dallas Semiconductor DS80C323-MCD Datasheet HTML 4Page - Dallas Semiconductor DS80C323-MCD Datasheet HTML 5Page - Dallas Semiconductor DS80C323-MCD Datasheet HTML 6Page - Dallas Semiconductor DS80C323-MCD Datasheet HTML 7Page - Dallas Semiconductor DS80C323-MCD Datasheet HTML 8Page - Dallas Semiconductor DS80C323-MCD Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
DS80C320/DS80C323
4 of 42
PIN DESCRIPTION Table 1
DIP
PLCC
TQFP
SIGNAL NAME
DESCRIPTION
40
44
38
VCC
VCC - +5V. (+3V DS80C323)
20
22, 23
16, 17
GND
GND - Digital circuit ground.
9
10
4
RST
RST - Input. The RST input pin contains a Schmitt voltage input to
recognize external active high Reset inputs. The pin also employs an
internal pulldown resistor to allow for a combination of wired OR
external Reset sources. An RC is not required for power-up, as the
device provides this function internally.
18
19
20
21
14
15
XTAL2
XTAL1
XTAL1, XTAL2 - The crystal oscillator pins XTAL1 and XTAL2
provide support for parallel resonant, AT cut crystals. XTAL1 acts
also as an input in the event that an external clock source is used in
place of a crystal. XTAL2 serves as the output of the crystal
amplifier.
29
32
26
PSEN
PSEN
- Output. The Program Store Enable output. This signal is
commonly connected to external ROM memory as a chip enable.
PSEN
will provide an active low pulse width of 2.25 XTAL1 cycles
with a period of four XTAL1 cycles. PSEN is driven high when data
memory (RAM) is being accessed through the bus and during a reset
condition.
30
33
27
ALE
ALE – Output. The Address Latch Enable output functions as a
clock to latch the external address LSB from the multiplexed
address/data bus. This signal is commonly connected to the latch
enable of an external 373 family transparent latch. ALE has a pulse
width of 1.5 XTAL1 cycles and a period of four XTAL1 cycles. ALE
is forced high when the device is in a Reset condition.
39
38
37
36
35
34
33
32
43
42
41
40
39
38
37
36
37
36
35
34
33
32
31
30
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
AD0-7 (Port 0) - I/O. Port 0 is the multiplexed address/data bus.
During the time when ALE is high, the LSB of a memory address is
presented. When ALE falls, the port transitions to a bi-directional
data bus. This bus is used to read external ROM and read/write
external RAM memory or peripherals. The Port 0 has no true port
latch and can not be written directly by software. The reset condition
of Port 0 is high. No pullup resistors are needed.
1-8
2-9
40-44
1-3
P1.0-P1.7
Port 1 - I/O. Port 1 functions as both an 8-bit bi-directional I/O port
and an alternate functional interface for Timer 2 I/O, new External
Interrupts, and new Serial Port 1. The reset condition of Port 1 is with
all bits at a logic 1. In this state, a weak pullup holds the port high.
This condition also serves as an input mode, since any external
circuit that writes to the port will overcome the weak pullup. When
software writes a 0 to any port pin, the device will activate a strong
pulldown that remains on until either a 1 is written or a reset occurs.
Writing a 1 after the port has been at 0 will cause a strong transition
driver to turn on, followed by a weaker sustaining pullup. Once the
momentary strong driver turns off, the port once again becomes the
output high (and input) state. The alternate modes of Port 1 are
outlined as follows:
Port
Alternate
Function
1
2
40
P1.0
T2
External I/O for Timer/Counter 2
2
3
41
P1.1
T2EX
Timer/Counter 2 Capture/Reload Trigger
3
4
42
P1.2
RXD1
Serial Port 1 Input
4
5
43
P1.3
TXD1
Serial Port 1 Output
5
6
44
P1.4
INT2
External Interrupt 2 (Positive Edge Detect)
6
7
1
P1.5
INT3
External Interrupt 3 (Negative Edge Detect)
7
8
2
P1.6
INT4
External Interrupt 4 (Positive Edge Detect)
8
9
3
P1.7
INT5
External Interrupt 5 (Negative Edge Detect)


Similar Part No. - DS80C323-MCD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS80C323-MCD MAXIM-DS80C323-MCD Datasheet
845Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 051804
logo
Dallas Semiconductor
DS80C323-MCD DALLAS-DS80C323-MCD Datasheet
1Mb / 175P
   High-Speed Microcontroller User Guide
logo
Maxim Integrated Produc...
DS80C323-MCD MAXIM-DS80C323-MCD Datasheet
905Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 101006
DS80C323-MCD MAXIM-DS80C323-MCD Datasheet
700Kb / 38P
   High-Speed/Low-Power Microcontrollers
REV: 101006
DS80C323-MCD++ MAXIM-DS80C323-MCD+ Datasheet
905Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 101006
More results

Similar Description - DS80C323-MCD

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C310 DALLAS-DS80C310_1 Datasheet
333Kb / 21P
   High-Speed Micro
DS80C310 DALLAS-DS80C310 Datasheet
1Mb / 23P
   High-Speed Micro
logo
Texas Instruments
ADS7816EB TI1-ADS7816EB Datasheet
984Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADS7816PG4 TI-ADS7816PG4 Datasheet
931Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
logo
Megawin Technology Co.,...
MPC2F35 MEGAWIN-MPC2F35 Datasheet
250Kb / 46P
   Low-speed USB micro-controller
logo
SINOWEALTH Electronic L...
SH68F83 SINOWEALTH-SH68F83 Datasheet
870Kb / 58P
   Low Speed USB Micro-controller
V2.0
XA2001 SINOWEALTH-XA2001 Datasheet
523Kb / 56P
   Low Speed USB Micro-controller
V1.0
logo
Megawin Technology Co.,...
MPC235 MEGAWIN-MPC235 Datasheet
672Kb / 50P
   Low-Speed USB Micro-Controller
logo
SINOWEALTH Electronic L...
SH61F83 SINOWEALTH-SH61F83 Datasheet
906Kb / 54P
   Low Speed USB Micro-controller
V2.0
logo
Maxim Integrated Produc...
DS80C320-QCG MAXIM-DS80C320-QCG Datasheet
700Kb / 38P
   High-Speed/Low-Power Microcontrollers
REV: 101006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com