Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1A3 Datasheet(PDF) 2 Page - Dc Components

Part # 1A3
Description  TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

1A3 Datasheet(HTML) 2 Page - Dc Components

  1A3 Datasheet HTML 1Page - Dc Components 1A3 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R
DC COMPONENTS CO., LTD.
RATING AND CHARACTERISTIC CURVES (1A1 THRU 1A7)
101
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - 1A3

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1A3 LRC-1A3 Datasheet
189Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Pan Jit International I...
1A3 PANJIT-1A3 Datasheet
52Kb / 2P
   MINIATURE PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diode Semiconductor Kor...
1A3 DSK-1A3 Datasheet
291Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Pan Jit International I...
1A3 PANJIT-1A3 Datasheet
75Kb / 2P
   MINIATURE PLASTIC SILICON RECTIFIER
logo
Microdiode Electronics ...
1A3 CHENDA-1A3 Datasheet
648Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
More results

Similar Description - 1A3

ManufacturerPart #DatasheetDescription
logo
Dc Components
6A05 DCCOM-6A05 Datasheet
449Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
6A05M DCCOM-6A05M Datasheet
479Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
BY251 DCCOM-BY251 Datasheet
413Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
1N5400 CHONGQING-1N5400 Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1N5400G CHONGQING-1N5400G Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
6A05G CHONGQING-6A05G Datasheet
41Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1A1 CHONGQING-1A1 Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1N4001G CHONGQING-1N4001G Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1N5391G CHONGQING-1N5391G Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1N5391 CHONGQING-1N5391 Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
5A05G CHONGQING-5A05G Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com