Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTQF Datasheet(PDF) 3 Page - EUROQUARTZ limited

Part # GTQF
Description  CMOS Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

GTQF Datasheet(HTML) 3 Page - EUROQUARTZ limited

  GTQF Datasheet HTML 1Page - EUROQUARTZ limited GTQF Datasheet HTML 2Page - EUROQUARTZ limited GTQF Datasheet HTML 3Page - EUROQUARTZ limited GTQF Datasheet HTML 4Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
5.0 x 3.2mm SMD Package
OUTLINE & DIMENSIONS
7.0 x 5.0mm SMD Package
Environmental
Approvals
RoHS Compliant, Pb (lead) free in accordance with EU Directive 2002/95/EC 6/6
(2002/95EC) and WEEE (2002/96/EC).
Free of halide, cadmium, hexavalent chromium, lead, mercury, PBBs and PBDEs
Moisture sensitivity Level
Level 1 (infinite) according to IPC/JEDEC J-STF-020D.1
Second Level Interconnect
'e4
Storage Temperature Range
-55° to +125°C
Humidity
85%RH, 85°C, 48 hours
Fine Leak / Gross Leak
MIL-STD-202F Method 1014, Cond. A / MIL-STD-883, Method 1014, Cond C.
Solderability
MIL-STD-202F method 208E
Reflow
260°C for 10s. 2 times
Vibration
MIL-STD-202F Method 204, 35g, 50 to 2000Hz
Shock
MIL-STD-202F, Method 213B, Test Cond. E, 1000gg 1/2 sine wave.
Resistance to Solvents
MIL-STD-202, Method 215
Temperature Cyscling
MIL-STD-883, Method 1010
ESD Rating
Human Body Model (HBM): 1500 V minimum.
Pad Surface Finish
Gold (Au)(0.3µm ot 1.0µm) over nickel (Ni)(1.27µm to 8.89µm)
Weight of the Device
576 package: 0.18gm typical, 536 package: 0.09gm typical.
ENVIRONMENTAL PERFORMANCE SPECIFICATION
Page 3 of 4
'GTQF' CMOS Output VCXOs
QF Series VCXOs
10MHz to 245MHz


Similar Part No. - GTQF

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
GTQF536 MERCURY-GTQF536 Datasheet
144Kb / 1P
   SMD CMOS output
GTQF576 MERCURY-GTQF576 Datasheet
141Kb / 1P
   SMD CMOS output
More results

Similar Description - GTQF

ManufacturerPart #DatasheetDescription
logo
MMD Components
MWC MMD-MWC Datasheet
104Kb / 2P
   CMOS Output
logo
MTRONPTI
M2700 MTRONPTI-M2700 Datasheet
276Kb / 5P
   CMOS Output
logo
EUROQUARTZ limited
GTQN EUROQUARTZ-GTQN Datasheet
514Kb / 4P
   CMOS Output
logo
Mercury United Electron...
GTQF536 MERCURY-GTQF536 Datasheet
144Kb / 1P
   SMD CMOS output
GTQN536 MERCURY-GTQN536 Datasheet
144Kb / 1P
   SMD CMOS output
GW42 MERCURY-GW42 Datasheet
102Kb / 1P
   SMD CMOS output
H53 MERCURY-H53 Datasheet
85Kb / 1P
   SMD CMOS output
HB32 MERCURY-HB32 Datasheet
86Kb / 1P
   SMD CMOS output
GF42 MERCURY-GF42 Datasheet
102Kb / 1P
   SMD CMOS output
GTQF576 MERCURY-GTQF576 Datasheet
141Kb / 1P
   SMD CMOS output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com