Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXT440124 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AXT440124
Description  Narrow pitch connectors (0.4mm pitch)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXT440124 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AXT440124 Datasheet HTML 1Page - Panasonic Semiconductor AXT440124 Datasheet HTML 2Page - Panasonic Semiconductor AXT440124 Datasheet HTML 3Page - Panasonic Semiconductor AXT440124 Datasheet HTML 4Page - Panasonic Semiconductor AXT440124 Datasheet HTML 5Page - Panasonic Semiconductor AXT440124 Datasheet HTML 6Page - Panasonic Semiconductor AXT440124 Datasheet HTML 7Page - Panasonic Semiconductor AXT440124 Datasheet HTML 8Page - Panasonic Semiconductor AXT440124 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXT3, 4
ACCTB14E 201303-T
DIMENSIONS (Unit: mm)
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
1. Socket (Mated height: 1.5mm, 2.0mm, 2.5mm, 3.0mm)
• Without pickup cover
General tolerance:
±0.2
C
±0.1
(0.66)
0.30
±0.03
E
Y (Note)
Z (Note)
0.08
(Contact and
soldering terminals)
Terminal coplanarity
A
B
±0.1
0.15
±0.03
0.40
±0.05
Dimension table (mm)
Number of pins/
dimension
A
B
C
10
4.70
1.60
3.50
16
5.90
2.80
4.70
20
6.70
3.60
5.50
22
7.10
4.00
5.90
24
7.50
4.40
6.30
26
7.90
4.80
6.70
30
8.70
5.60
7.50
32
9.10
6.00
7.90
34
9.50
6.40
8.30
36
9.90
6.80
8.70
38
10.30
7.20
9.10
40
10.70
7.60
9.50
44
11.50
8.40
10.30
46
11.90
8.80
10.70
50
12.70
9.60
11.50
54
13.50
10.40
12.30
60
14.70
11.60
13.50
64
15.50
12.40
14.30
70
16.70
13.60
15.50
80
18.70
15.60
17.50
90
20.70
17.60
19.50
100
22.70
19.60
21.50
Mated height/
dimension
E
1.5mm
1.45
2.0mm
1.45
2.5mm
2.45
3.0mm
2.45
CAD Data
• With pickup cover
General tolerance:
±0.2
Note: Since soldering terminals are built into the body, the Y and Z parts are connected electrically.
(0.66)
Y (Note)
Z (Note)
0.40
±0.05
B
±0.1
A
0.15
±0.03
E
Pickup cover
(Contact and
soldering terminals)
Terminal coplanarity
0.08
0.30
±0.03
C
±0.1


Similar Part No. - AXT440124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXT440124 PANASONIC-AXT440124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
More results

Similar Description - AXT440124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
AXK7L10223G PANASONIC-AXK7L10223G Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
AXT510124 PANASONIC-AXT510124_13 Datasheet
304Kb / 11P
   Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
AXK714147G PANASONIC-AXK714147G Datasheet
403Kb / 12P
   Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com