Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXK6F30347YG Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # AXK6F30347YG
Description  Narrow pitch connectors (0.5mm pitch)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK6F30347YG Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button AXK6F30347YG Datasheet HTML 2Page - Panasonic Semiconductor AXK6F30347YG Datasheet HTML 3Page - Panasonic Semiconductor AXK6F30347YG Datasheet HTML 4Page - Panasonic Semiconductor AXK6F30347YG Datasheet HTML 5Page - Panasonic Semiconductor AXK6F30347YG Datasheet HTML 6Page - Panasonic Semiconductor AXK6F30347YG Datasheet HTML 7Page - Panasonic Semiconductor AXK6F30347YG Datasheet HTML 8Page - Panasonic Semiconductor AXK6F30347YG Datasheet HTML 9Page - Panasonic Semiconductor AXK6F30347YG Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
Notes on Using Narrow pitch Connectors
ACCTB48E 201303-T
Handling Single Components
Storage of connectors
Other Notes
1) Make sure not to drop or allow parts to
fall from work bench
2) Excessive force applied to the
terminals could cause warping, come
out, or weaken the adhesive strength of
the solder. Handle with care.
3) Repeated bending of the terminals
may cause terminals to break.
4) Do not insert or remove the connector
when it is not soldered. Forcibly applied
external pressure on the terminals can
weaken the adherence of the terminals to
the molded part or cause the terminals to
lose their evenness.
5) Excessive prying-force applied to one
end may cause product breakage and
separation of the solder joints at the
terminal.
Excessive force applied for insertion in a
pivot action as shown may also cause
product breakage.
Align the header and socket positions
before connecting them.
Cleaning flux from PC board
1) To increase the cleanliness of the
cleaning fluid and cleaning operations,
prepare equipment for cleaning process
beginning with boil cleaning, ultrasonic
cleaning, and then vapor cleaning.
2) Carefully oversee the cleanliness of
the cleaning fluids to make sure that the
contact surfaces do not become dirty
from the cleaning fluid itself.
3) Since some powerful cleaning
solutions may dissolve molded
components of the connector and wipe
off or discolor printed letters, we
recommend aqua pura electronic parts
cleaners. Please consult us if you wish to
use other types of cleaning fluids.
4) Please note that the surfaces of
molded parts may whiten when cleaned
with alcohol.
Handling the PC board
• Handling the PC board after
mounting the connector
When cutting or bending the PC board
after mounting the connector, be careful
that the soldered sections are subjected
to excessive force.
The soldered areas should not be subjected to force.
1) To prevent problems from voids or air
pockets due to heat of reflow soldering,
avoid storing the connectors in areas of
high humidity. When storing the
connectors for more than six months, be
sure to consider storage area where the
humidity is properly controlled.
2) Depending on the connector type, the
color of the connector may vary from
connector to connector depending on
when it is produced.
Some connectors may change color
slightly if subjected to ultraviolet rays
during storage. This is normal and will not
affect the operation of the connector.
3) When storing the connectors with the
PC boards assembled and components
alreeady set, be careful not to stack them
up so the connectors are subjected to
excessive forces.
4) Avoid storing the connectors in
locations with excessive dust. The dust
may accumulate and cause improper
connections at the contact surfaces.
1) These products are made for the
design of compact and lightweight
devices and therefore the thickness of the
molded components has been made very
thin. Therefore, be careful during
insertion and removal operations for
excessive forces applied may damage
the products.
2) Dropping of the products or rough
mishandling may bend or damage the
terminals and possibly hinder proper
reflow soldering.
3) Before soldering, try not to insert or
remove the connector more than
absolutely necessary.
4) When coating the PC board after
soldering the connector to prevent the
deterioration of insulation, perform the
coating in such a way so that the coating
does not get on the connector.
5) There may be variations in the colors
of products from different production lots.
This is normal.
6) The connectors are not meant to be
used for switching.
7) Be sure not to allow external pressure
to act on connectors when assembling
PCBs or moving in block assemblies.


Similar Part No. - AXK6F30347YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK6F30347YG PANASONIC-AXK6F30347YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
More results

Similar Description - AXK6F30347YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXK5F10347YG PANASONIC-AXK5F10347YG_13 Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com