Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXK6F32347YG Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AXK6F32347YG
Description  Narrow pitch connectors (0.5mm pitch)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK6F32347YG Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AXK6F32347YG Datasheet HTML 1Page - Panasonic Semiconductor AXK6F32347YG Datasheet HTML 2Page - Panasonic Semiconductor AXK6F32347YG Datasheet HTML 3Page - Panasonic Semiconductor AXK6F32347YG Datasheet HTML 4Page - Panasonic Semiconductor AXK6F32347YG Datasheet HTML 5Page - Panasonic Semiconductor AXK6F32347YG Datasheet HTML 6Page - Panasonic Semiconductor AXK6F32347YG Datasheet HTML 7Page - Panasonic Semiconductor AXK6F32347YG Datasheet HTML 8Page - Panasonic Semiconductor AXK6F32347YG Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXK(5/6)F
ACCTB23E 201303-T
EMBOSSED TAPE DIMENSIONS (unit: mm, Common for respective contact type, socket and header)
Dimension table (mm)
Suffix: G (1 reel, 2,000 pieces embossed tape: Plastic reel package)
Connector orientation with respect to direction of progress of embossed tape
Mated height
No. of pins
Type of taping
A
B
C
D
Quantity per reel
Socket and header are common:
1.5mm, 2.0mm, 2.5mm
10 to 58
Tape I
24.00
11.50
25.40
2,000 pcs.
60 to 70
Tape II
32.00
28.40
14.20
33.40
2,000 pcs.
72 to 100
Tape II
44.00
40.40
20.20
45.40
2,000 pcs.
• Tape dimensions (Conforming to JIS C 0806:1990.
However, some tapes have mounting hole pitches that do
not comply with the standard.)
Tape I
Tape II
1.75
C
12.0
A
±0.3
4
2
1.5
dia.
+0.1
0
1.75
C
12.0
A
±0.3
4
2
B
1.5
dia.
+0.1
0
• Plastic reel dimensions (Conforming to EIAJ ET–7200B)
D
±1
Top cover tape
Taping reel
Embossed carrier tape
Embossed mounting-hole
Label
Type
Direction of
tape progress
Common for P5KF
Socket
Header
Note: There is no indication on this product regarding top-bottom or left-right orientation.


Similar Part No. - AXK6F32347YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK6F32347YG PANASONIC-AXK6F32347YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
More results

Similar Description - AXK6F32347YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXK5F10347YG PANASONIC-AXK5F10347YG_13 Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com