Electronic Components Datasheet Search |
|
AXK6F10547YG Datasheet(PDF) 7 Page - Panasonic Semiconductor |
|
AXK6F10547YG Datasheet(HTML) 7 Page - Panasonic Semiconductor |
7 / 10 page Panasonic Corporation Automation Controls Business Division industrial.panasonic.com/ac/e/ Notes on Using Narrow pitch Connectors ACCTB48E 201303-T Regarding the design of devices and PC board patterns Regarding the selection of the connector placement machine and the mounting procedures Notes on Using Narrow pitch Connectors 1) When connecting several connectors together by stacking, make sure to maintain proper accuracy in the design of structure and mounting equipment so that the connectors are not subjected to twisting and torsional forces. 2) With mounting equipment, there may be up to a ±0.2 to 0.3-mm error in positioning. Be sure to design PC boards and patterns while taking into consideration the performance and abilities of the required equipment. 3) Some connectors have tabs embossed on the body to aid in positioning. When using these connectors, make sure that the PC board is designed with positioning holes to match these tabs. 4) To ensure the required mechanical strength when soldering the connector terminals, make sure the PC board meets recommended PC board pattern design dimensions given. 5) For all connectors of the narrow pitch series, to prevent the PC board from coming off during vibrations or impacts, and to prevent loads from falling directly on the soldered portions, be sure to design some means to fix the PC board in place. Example) Secure in place with screws When connecting PC boards, take appropriate measures to prevent the connector from coming off. 6) Notes when using a FPC. (1) When the connector is soldered to an FPC board, during its insertion and removal procedures, forces may be applied to the terminals and cause the soldering to come off. It is recommended to use a reinforcement board on the backside of the FPC board to which the connector is being connected. Please make the reinforcement board dimensions bigger than the outer limits of the recommended PC board pattern (should be approximately 1 mm greater than the outer limit). Material should be glass epoxy or polyimide, and the thickness should be between 0.2 and 0.3 mm. (2) Collisions, impacts, or turning of FPC boards, may apply forces on the connector and cause it to come loose. Therefore, make to design retaining plates or screws that will fix the connector in place. 7) The narrow pitch connector series is designed to be compact and thin. Although ease of handling has been taken into account, take care when mating the connectors, as displacement or angled mating could damage or deform the connector. Connector Spacer Spacer PC board Screw 1) Select the placement machine taking into consideration the connector height, required positioning accuracy, and packaging conditions. 2) Be aware that if the catching force of the placement machine is too great, it may deform the shape of the connector body or connector terminals. 3) Be aware that during mounting, external forces may be applied to the connector contact surfaces and terminals and cause deformations. 4) Depending on the size of the connector being used, self alignment may not be possible. In such cases, be sure to carefully position the terminal with the PC board pattern. 5) The positioning bosses give an approximate alignment for positioning on the PC board. For accurate positioning of the connector when mounting it to the PC board, we recommend using an automatic positioning machine. 6) Excessive mounter chucking force may deform the molded or metal part of the connector. Consult us in advance if chucking is to be applied. |
Similar Part No. - AXK6F10547YG |
|
Similar Description - AXK6F10547YG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |