Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU-32601-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BU-32601-2
Description  Insulated Banana Coupler
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU-32601-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-32601-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
Mueller Electric Company
ISO 9001:2000
Mueller Electric Company
ISO 9001:2000
Mueller Electric Company
ISO 9001:2000
TEL.
TEL.
TEL.
TEL. 800
800
800
800-
-
-
-955
955
955
955-
-
-
-2629
2629
2629
2629
1625 E. 31
1625 E. 31
1625 E. 31
1625 E. 31st
st
st
st
Street
Street
Street
Street
Over 95 Years Of Innovation
TEL. 216
Over 95 Years Of Innovation
TEL. 216
Over 95 Years Of Innovation
TEL. 216
Over 95 Years Of Innovation
TEL. 216-
-
-
-771
771
771
771-
-
-
-5225
5225
5225
5225
C
C
C
Clllle
e
e
ev
vv
ve
e
e
elllla
a
a
an
n
n
nd
d
d
d,,,, O
O
O
Oh
h
h
hiiiio
o
o
o 4
4
4
44
4
4
41
1
1
11
1
1
14
4
4
4
w
w
w
ww
w
w
ww
w
w
w....m
m
m
mu
u
u
ue
e
e
elllllllle
e
e
errrre
e
e
elllle
e
e
ec
cc
cttttrrrriiiic
cc
c....c
cc
co
o
o
om
m
m
m
F
FF
FA
A
A
AX
X
X
X.... 2
2
2
21
1
1
16
6
6
6-
-
-
-7
7
7
77
7
7
71
1
1
1-
-
-
-3
3
3
30
0
0
06
6
6
68
8
8
8
• Insulated Banana Coupler
• Material: Banana Plug: nickel-plated brass; Insulator: nylon
• Length: 2.50” (63.5 mm)
• *Std. Colors: -0 Black, -2 Red, -4 Yellow, -6 Blue
• Rating: 1000V, 15 Amps, IEC 1010 Compliant
RoHS Compliant
Part Number:
BU-32601-*
Description:
Insulated Banana Coupler
3507


Similar Part No. - BU-32601-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-32603-0 ETC2-BU-32603-0 Datasheet
50Kb / 1P
   Cable Mountable 4mm Shrouded Banana Plug
BU-32603-2 ETC2-BU-32603-2 Datasheet
50Kb / 1P
   Cable Mountable 4mm Shrouded Banana Plug
More results

Similar Description - BU-32601-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-00233-0 ETC2-BU-00233-0 Datasheet
51Kb / 1P
   Insulated Banana Jack
logo
Keystone Electronics Co...
6091 KEYSTONE-6091 Datasheet
202Kb / 1P
   INSULATED BANANA JACK
1.11.06
logo
List of Unclassifed Man...
BU-32101-0 ETC2-BU-32101-0 Datasheet
49Kb / 1P
   Insulated Banana Jack To Standard Banana Plug
logo
Pomona Electronics
5935 POMONA-5935 Datasheet
24Kb / 1P
   2MM Insulated Banana Jack
logo
3M Electronics
2142-2 3M-2142-2 Datasheet
143Kb / 1P
   Insulated Miniature Banana Jack
4601-0 3M-4601-0 Datasheet
26Kb / 1P
   Triple Banana Jack, Insulated
2142-4 3M-2142-4 Datasheet
28Kb / 1P
   Insulated Miniature Banana Jack
logo
Pomona Electronics
2142 POMONA-2142 Datasheet
143Kb / 1P
   Insulated Miniature Banana Jack
4601 POMONA-4601 Datasheet
26Kb / 1P
   Triple Banana Jack, Insulated
logo
List of Unclassifed Man...
BU-31104-0 ETC2-BU-31104-0 Datasheet
225Kb / 1P
   Insulated, Stackable Banana Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com