Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXK6F40547YG Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AXK6F40547YG
Description  Narrow pitch connectors (0.5mm pitch)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK6F40547YG Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button AXK6F40547YG Datasheet HTML 2Page - Panasonic Semiconductor AXK6F40547YG Datasheet HTML 3Page - Panasonic Semiconductor AXK6F40547YG Datasheet HTML 4Page - Panasonic Semiconductor AXK6F40547YG Datasheet HTML 5Page - Panasonic Semiconductor AXK6F40547YG Datasheet HTML 6Page - Panasonic Semiconductor AXK6F40547YG Datasheet HTML 7Page - Panasonic Semiconductor AXK6F40547YG Datasheet HTML 8Page - Panasonic Semiconductor AXK6F40547YG Datasheet HTML 9Page - Panasonic Semiconductor AXK6F40547YG Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXK(5/6)F
ACCTB23E 201303-T
NOTES
1. As shown below, excess force
during insertion may result in damage
to the connector or removal of the
solder. Also, to prevent connector
damage please confirm the correct
position before mating connectors.
2. Keep the PC board warp no more
than 0.03 mm in relation to the overall
length of the connector.
3. Recommended PC board and metal
mask patterns
Connectors are mounted with high pitch
density, intervals of 0.35 mm, 0.4 mm or
0.5 mm.
In order to reduce solder and flux rise,
solder bridges and other issues make
sure the proper levels of solder is used.
The figures to the right are recommended
metal mask patterns. Please use them as
a reference.
• Socket
Recommended PC board pattern
(TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: When 150
µm
(Opening area ratio: 56%)
Recommended metal mask pattern
Metal mask thickness: When 120
µm
(Opening area ratio: 69%)
• Header
Recommended PC board pattern
(TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: When 150
µm
(Opening area ratio: 58%)
Recommended metal mask pattern
Metal mask thickness: When 120
µm
(Opening area ratio: 72%)
Max. 0.03mm
Max. 0.03mm
B
±0.05
0.25
±0.05
0.125
±0.05
0.30
±0.05
0.50
±0.05
0.50
±0.05
0.23
±0.01
0.50
±0.01
0.50
±0.01
B
±0.01
0.50
±0.01
0.50
±0.01
0.23
±0.01
B
±0.01
0.125
±0.05
0.30
±0.05
B
±0.05
0.25
±0.05
0.50
±0.05
0.50
±0.05
0.23
±0.01
0.50
±0.01
0.50
±0.01
B
±0.01
0.50
±0.01
0.50
±0.01
0.23
±0.01
B
±0.01
* See the dimension table on page 85 for more information on the B dimension of the socket and header.
Please refer to the latest product
specifications when designing your
product.


Similar Part No. - AXK6F40547YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK6F40547YG PANASONIC-AXK6F40547YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
More results

Similar Description - AXK6F40547YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXK5F10347YG PANASONIC-AXK5F10347YG_13 Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com