Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXK6F50547YG Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AXK6F50547YG
Description  Narrow pitch connectors (0.5mm pitch)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK6F50547YG Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AXK6F50547YG Datasheet HTML 1Page - Panasonic Semiconductor AXK6F50547YG Datasheet HTML 2Page - Panasonic Semiconductor AXK6F50547YG Datasheet HTML 3Page - Panasonic Semiconductor AXK6F50547YG Datasheet HTML 4Page - Panasonic Semiconductor AXK6F50547YG Datasheet HTML 5Page - Panasonic Semiconductor AXK6F50547YG Datasheet HTML 6Page - Panasonic Semiconductor AXK6F50547YG Datasheet HTML 7Page - Panasonic Semiconductor AXK6F50547YG Datasheet HTML 8Page - Panasonic Semiconductor AXK6F50547YG Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AXK(5/6)F
ACCTB23E 201303-T
ORDERING INFORMATION
For board-to-board For board-to-FPC
P5KF Series
Narrow pitch connectors
(0.5mm pitch)
FEATURES
1. Two-piece structure and 0.5mm
pitch.
The product lineup includes mated
heights of 1.5mm, 2.0mm and 2.5mm.
2. Strong resistance to adverse
environments! Utilizes
“” construction
for high contact reliability.
3. Simple lock structure provides
tactile feedback to ensure excellent
mating/unmating operation feel.
4. Effective mating length 0.55mm
In addition to achieving a low profile of
1.5mm between PCBs, the effective
mating length has been extended to
ensure that there is latitude for insertion.
5. The lower connector bottom surface
construction prevents contact and
shorts between the PCB and metal
terminals.
Benefits include freedom in pattern
wiring, helping to make PCB’s smaller.
6. Gull-wing-shaped terminals to
facilitate visual inspections.
APPLICATIONS
Digital devices, such as digital still
cameras and digital video cameras.
Socket
Header
RoHS compliant
Simple lock mechanism
0.55mm
<Socket>
Connector bottom: Create any thru-hole and pattern wiring.
<Header>
Mated height
<Socket>
3: For mated height 1.5 mm
5: For mated height 2.0 mm and 2.5 mm
<Header>
3: For mated height 1.5 mm and 2.0 mm
5: For mated height 2.5 mm
Surface treatment (Contact portion / Terminal portion)
<Socket>
7: Ni plating on base, Au plating on surface/Ni plating on base, Au plating on surface (for Ni barrier available)
Contact portion
<Socket> Y: V notch type product (chamfered on both ends)
<Header> Y: V notch type product
Number of pins (2 digits)
Packing
G: 2,000 pieces embossed tape and plastic reel
× 2
5F: Narrow Pitch Connector P5KF (0.5 mm pitch) Socket
6F: Narrow Pitch Connector P5KF (0.5 mm pitch) Header
Functions
4: Without positioning bosses
7
4Y
G
AXK


Similar Part No. - AXK6F50547YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK6F50547YG PANASONIC-AXK6F50547YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
More results

Similar Description - AXK6F50547YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXK5F10347YG PANASONIC-AXK5F10347YG_13 Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com