Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU-P1081-12-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BU-P1081-12-2
Description  STACKABLE MINI-BANANA TEST LEAD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU-P1081-12-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-P1081-12-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
Toll Free: 800.955.2629
1208 Massillon Rd. Ste. N-1500
www.muellerelectric.com
Phone: 330.780.2525
Akron, OH 44306-4524
Fax: 330.780.2524
BU-P1081-XX-*
(STACKABLE MINI-BANANA TEST LEAD)
• Overmolded, stackable mini (3mm) banana plugs on each end. Banana
plugs are gold plated beryllium copper. Wire is 20 AWG with a PVC jacket.
• Ratings: Hands Free testing to 3000VRMS
5 Amps.
• Length: in inches designated by “XX” in the part number:
o
Standard Lengths 12”, 24” & 36”
• Colors: designated by “*” in the part number: -0 black, -2 red, -4 Yellow
• RoHS Compliant


Similar Part No. - BU-P1081-12-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-P1081-24-0 ETC2-BU-P1081-24-0 Datasheet
261Kb / 1P
   STACKABLE MINI-BANANA TEST LEAD
More results

Similar Description - BU-P1081-12-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-P1081-24-0 ETC2-BU-P1081-24-0 Datasheet
261Kb / 1P
   STACKABLE MINI-BANANA TEST LEAD
BU-2323-10-60-0 ETC2-BU-2323-10-60-0 Datasheet
374Kb / 1P
   Stackable, Retractable Banana Test Lead 10 AWG
BU-2323-10-36-0 ETC2-BU-2323-10-36-0 Datasheet
374Kb / 1P
   Stackable, Retractable Banana Test Lead 10 AWG
BU-1120-A-60-0 ETC2-BU-1120-A-60-0 Datasheet
65Kb / 1P
   Mini-plunger to Stackable Banana Plug
BU-00249-0 ETC2-BU-00249-0 Datasheet
49Kb / 1P
   Stackable Banana Plug
BU-4444-A-12-0 ETC2-BU-4444-A-12-0 Datasheet
177Kb / 1P
   Test Lead with Stackable Pin Tips
BU-P4911A-12-0 ETC2-BU-P4911A-12-0 Datasheet
198Kb / 1P
   RETRACTABLE BANANA TEST LEAD, 18 AWG
BU-P1825-0 ETC2-BU-P1825-0 Datasheet
201Kb / 1P
   SOLDERLESS STACKABLE BANANA PLUG
BU-16-0 ETC2-BU-16-0 Datasheet
50Kb / 1P
   Unshrouded Stackable Banana Plug
logo
Pomona Electronics
6249 POMONA-6249 Datasheet
28Kb / 1P
   Test Clip To Multi-Stacking Banana Plug Test Lead
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com