Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1NP2E565 Datasheet(PDF) 1 Page - Okaya Electric America, Inc.

Part # C1NP2E565
Description  HIGH PULSE CAPACITOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

C1NP2E565 Datasheet(HTML) 1 Page - Okaya Electric America, Inc.

  C1NP2E565 Datasheet HTML 1Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
41
Features
Applications
● High performance.
● High capacitance.
● High surge withstand voltage and high current
withstand capability.
● High frequency circuit, High voltage resonant
circuit, Snubber circuit and Protection of
semiconductors.
● Circuit
● Dimensions
Unit: mm
H±2
T max.
35min.
35min.
Solder plated
soft copper wire
C1NP SERIES
HIGH PULSE CAPACITOR
Metalized Polypropylene
Film Capacitor
● Model numbering system
N
1
C
P
2 E
225
K
Series name
2E= 250VDC
2G= 400VDC
2J = 630VDC
3B=1,250VDC
The first two digits stands
for capacitance (pF).
The third digit is for the
number of continuing zero.
J ±5%
K ±10%
Rated
Voltage
Capacitance
Tolerance of
Capacitance
Electrical Specifications
Operating Temperature: -40~+85°C
W
20.0
21.5
22.0
23.5
25.0
27.0
28.5
33.5
34.5
37.0
20.5
22.0
23.5
25.0
26.5
28.5
32.0
34.5
20.5
21.5
23.0
24.5
26.5
28.0
30.5
35.0
30.0
32.5
35.5
38.5
38.0
41.5
45.5
49.0
53.0
HT
8.0
9.0
10.5
11.5
13.0
14.5
16.5
17.5
19.5
22.0
9.0
10.5
11.5
13.0
14.5
16.5
17.5
19.0
9.5
10.0
11.5
13.0
14.5
16.0
17.5
20.0
20.5
23.0
26.0
29.0
28.5
32.0
36.0
39.5
44.0
44.0
44.0
44.0
44.0
44.0
44.0
44.0
44.0
44.0
44.0
44.0
44.0
44.0
44.0
44.0
44.0
44.0
44.0
44.0
44.0
44.0
44.0
44.0
44.0
44.0
44.0
60.0
60.0
60.0
60.0
70.0
70.0
70.0
70.0
70.0
Dissipation
Factor
Test Voltage
Insulation
Resistance
0.001max.
(at 1kHz)
Rated Voltage
×1.75VDC
(2~5sec)
20,000Ω•Fmin.
(at 20°C, 100VDC)
Dimensions (mm)
d
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
Rated
Voltage
2E
(250VDC)
2G
(400VDC)
2J
(630VDC)
3B
(1250VDC)
Model Number
C1NP2E225
C1NP2E275
C1NP2E335
C1NP2E395
C1NP2E475
C1NP2E565
C1NP2E685
C1NP2E825
C1NP2E106
C1NP2E126
C1NP2G125
C1NP2G155
C1NP2G185
C1NP2G225
C1NP2G275
C1NP2G335
C1NP2G395
C1NP2G475
C1NP2J824
C1NP2J105
C1NP2J125
C1NP2J155
C1NP2J185
C1NP2J225
C1NP2J275
C1NP2J335
C1NP3B105
C1NP3B125
C1NP3B155
C1NP3B185
C1NP3B225
C1NP3B275
C1NP3B335
C1NP3B395
C1NP3B475
Capacitance
μF
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
:J=Tolerance of Capacitance ±5%, K=Tolerance of Capacitance ±10%


Similar Part No. - C1NP2E565

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
C1NP2E225J OKAYA-C1NP2E225J Datasheet
309Kb / 1P
   HIGH PULSE CAPACITOR
C1NP2E225K OKAYA-C1NP2E225K Datasheet
309Kb / 1P
   HIGH PULSE CAPACITOR
More results

Similar Description - C1NP2E565

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
HRC2J682J OKAYA-HRC2J682J Datasheet
290Kb / 1P
   HIGH PULSE CAPACITOR
AFV OKAYA-AFV_14 Datasheet
81Kb / 1P
   HIGH PULSE CAPACITOR
C1NP2E225J OKAYA-C1NP2E225J Datasheet
309Kb / 1P
   HIGH PULSE CAPACITOR
HHC400V104J OKAYA-HHC400V104J Datasheet
302Kb / 1P
   HIGH PULSE CAPACITOR
HRC2J682J OKAYA-HRC2J682J_14 Datasheet
266Kb / 1P
   HIGH PULSE CAPACITOR
C7NP OKAYA-C7NP_14 Datasheet
102Kb / 3P
   HIGH PULSE CAPACITOR
HHC400V104J OKAYA-HHC400V104J_14 Datasheet
100Kb / 2P
   HIGH PULSE CAPACITOR
C7NP2E104J OKAYA-C7NP2E104J Datasheet
518Kb / 1P
   HIGH PULSE CAPACITOR
HCP-S OKAYA-HCP-S Datasheet
88Kb / 2P
   HIGH PULSE CAPACITOR
logo
Illinois Capacitor, Inc...
107DCN2R7SLB ILLINOISCAPACITOR-107DCN2R7SLB Datasheet
128Kb / 1P
   High pulse power capacitor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com