Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV-Q Datasheet(PDF) 1 Page - Okaya Electric America, Inc.

Part # LV-Q
Description  SURGE PROTECTIVE DEVICES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

LV-Q Datasheet(HTML) 1 Page - Okaya Electric America, Inc.

  LV-Q Datasheet HTML 1Page - Okaya Electric America, Inc. LV-Q Datasheet HTML 2Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
110
Features
● SPD with a fail safe function to prevent
short-circuit (separation of circuit and element is
visually confirmable)
● Compliance with IEC 61643-1 that meets the new
JIS standards
● Against indirect lightning surge for single phase /
three phase power supplies
● Quick response for surge
● Impulse current capacity 8/20μs-5,000A
● Impulse test category: Class II (Type II)
● Every pathway consists of same elements.
Between line and line/between lines and ground
can protect as the same level.
Applications
● Tapping machine, NC machine, other machine
tools
● Lithography equipment, Washing device, IC
tester
● Injection molding machine, Winding machine,
Surface mounter
● Vehicle air conditioner
● Servo amplifier
● Electric facility, Industrial equipment
Electrical Specifications
LV150DI-Q4
LV275DI-Q4
LV275DI-U4
LV480DI-Q4
LV480DI-U4
LV550DI-U4
Model
Number
Safety
Standard
Voltage Protection
Level (V)
Rated Voltage
50/60Hz
Single Phase
Single Phase
Three Phase
Single Phase
Three Phase
Three Phase
AC150V
AC275V
AC480V
AC550V
450±25%
800±25%
1,400±25%
1,600±25%
1,200
1,500
2,000
2,500
Normal Discharge
Current
8/20μs (A)
Max. Discharge
Current
8/20μs (A)
Surge
Current Life
8/20μs-1,000A
DC Breakdown
Voltage (V)
2,500
5,000
Approx.
500 times
Model numbering system
LV
DI
4
Series name
Rated Voltage
Q
U
1 Phase
3 Phase
PVC wire type
LV SERIES
SURGE PROTECTIVE DEVICES
UL
cUL
SEMKO
:UL1449
:C22.2 No.8
:IEC61643-1:2005 2nd
:EN61643-11:2002 +A11
E322107
SE-57200
815201
Safety Standard
File No.
● Action indication
Green:
No Green:
Normal
Abnormal
Status


Similar Part No. - LV-Q

ManufacturerPart #DatasheetDescription
logo
Reed Relays and Electro...
LV-1925-H RRE-LV-1925-H Datasheet
102Kb / 1P
   Reed Switch for Line Voltage Switching
LV-1925-L RRE-LV-1925-L Datasheet
102Kb / 1P
   Reed Switch for Line Voltage Switching
LV-1925-M RRE-LV-1925-M Datasheet
102Kb / 1P
   Reed Switch for Line Voltage Switching
logo
OSRAM GmbH
LV-543C OSRAM-LV-543C Datasheet
253Kb / 15P
   colorless, clear 5 mm (T1 쩐) package
LV-CK7P OSRAM-LV-CK7P Datasheet
748Kb / 21P
   SMD ceramic package with silicon resin with lens
More results

Similar Description - LV-Q

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
LVF-Q OKAYA-LVF-Q Datasheet
110Kb / 1P
   SURGE PROTECTIVE DEVICES
R38-900-BOL OKAYA-R38-900-BOL Datasheet
101Kb / 1P
   SURGE PROTECTIVE DEVICES
RA-C6 OKAYA-RA-C6 Datasheet
253Kb / 2P
   SURGE PROTECTIVE DEVICES
RAV-BWZ-4 OKAYA-RAV-BWZ-4 Datasheet
120Kb / 2P
   SURGE PROTECTIVE DEVICES
RAV-L-A OKAYA-RAV-L-A Datasheet
70Kb / 1P
   SURGE PROTECTIVE DEVICES
RHCA4532 OKAYA-RHCA4532 Datasheet
128Kb / 2P
   SURGE PROTECTIVE DEVICES
RSPD-Q OKAYA-RSPD-Q Datasheet
98Kb / 2P
   SURGE PROTECTIVE DEVICES
RHCA3216 OKAYA-RHCA3216 Datasheet
159Kb / 2P
   SURGE PROTECTIVE DEVICES
RAM-BWZ OKAYA-RAM-BWZ Datasheet
90Kb / 1P
   SURGE PROTECTIVE DEVICES
RAV-LDF OKAYA-RAV-LDF Datasheet
79Kb / 1P
   SURGE PROTECTIVE DEVICES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com