Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA391PMC6 Datasheet(PDF) 2 Page - Okaya Electric America, Inc.

Part # RA391PMC6
Description  SURGE PROTECTIVE DEVICES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

RA391PMC6 Datasheet(HTML) 2 Page - Okaya Electric America, Inc.

  RA391PMC6 Datasheet HTML 1Page - Okaya Electric America, Inc. RA391PMC6 Datasheet HTML 2Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
133
O3A
102
eg) In case of japan production
Model:
RA-102M-C6
DC spark-over voltage: 1,000V
Tolerance:
±20%→O
Calendar:
2013→3
Manufactured month:
January→A
15 max.
25 min.
3±1
*1.5~2.5 min.
φ 0.45 "Dumet" wire leads
glicoat processed
Unit: mm
F
P1
P
A
P2
dP0
Δh
Δh
D0
● Taping Dimensions (RA-XXXP/M-C6-Y)
Unit: mm
● Forming Dimensions (RA-XXXP/M-C6-F)
● Description of marking
+0.6
-0.2
* Accumulative pitch error: 4 pitches 50.8±0.6mm,
20 pitches 254±1.5mm
Description
Product height from board
Lamp pitch
Hole pitch
Pitch between leads
Declining
Paper width
Hole position
Lead clinch height
Product height
Hole diameter
Paper thickness
Dimension (mm)
Symbol
Height
Lamp Diameter
Lead Diameter
RA
15.0 max.
φ 6.1 max.
φ 0.45±0.05
17.0 max.
12.7±1.0
12.7±0.3*
3.85±0.7
6.35±1.3
5.0
±2.0
18.0±0.5
9.0±0.5
16.0±0.5
(33.5)
φ 4.0±0.2
0.7±0.2
L
A
d
L1
P
P0
P1
P2
F
Δh
W
W1
H0
H1
D0
t
Hole position
Month
Symbol
1
A
2
B
3
D
4
E
5
F
6
G
7
H
8
J
9
K
10
L
11
M
12
N
······ DC Sparkover Voltage
×10
············· T
: China production
None : Japan production
············· Tolerance ±20% (Symbol O)*1
············· Last digit of the calendar year eg.) 2013→3
············· The month manufactured (see below)
*¹ Tolerance of 311 ±15% (Symbol M)
RA-C6 SERIES
SURGE PROTECTIVE DEVICES
RA-C6-Y: 2,000 pcs
● Packing Quantity per Carton


Similar Part No. - RA391PMC6

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
RA30 TOCOS-RA30 Datasheet
727Kb / 5P
   30mm Diameter, Single-Turn,Wirewound Industrial Panel Controls
logo
List of Unclassifed Man...
RA300 ETC-RA300 Datasheet
661Kb / 1P
   RESISTORS ASSEMBLIES
logo
Mitsubishi Electric Sem...
RA30H0608M MITSUBISHI-RA30H0608M Datasheet
57Kb / 9P
   68-88MHz 30W 12.5V MOBILE RADIO
RA30H0608M MITSUBISHI-RA30H0608M Datasheet
229Kb / 8P
   RoHS Compliance , 66-88MHz 30W 12.5V, 2 stage Amp. for MOBILE RADIO
RA30H0608M MITSUBISHI-RA30H0608M Datasheet
96Kb / 9P
   66-88MHz 30W 12.5V, 2 stage Amp. for MOBILE RADIO
More results

Similar Description - RA391PMC6

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
LVF-Q OKAYA-LVF-Q Datasheet
110Kb / 1P
   SURGE PROTECTIVE DEVICES
LV-Q OKAYA-LV-Q Datasheet
107Kb / 2P
   SURGE PROTECTIVE DEVICES
R38-900-BOL OKAYA-R38-900-BOL Datasheet
101Kb / 1P
   SURGE PROTECTIVE DEVICES
RAV-BWZ-4 OKAYA-RAV-BWZ-4 Datasheet
120Kb / 2P
   SURGE PROTECTIVE DEVICES
RAV-L-A OKAYA-RAV-L-A Datasheet
70Kb / 1P
   SURGE PROTECTIVE DEVICES
RHCA4532 OKAYA-RHCA4532 Datasheet
128Kb / 2P
   SURGE PROTECTIVE DEVICES
RSPD-Q OKAYA-RSPD-Q Datasheet
98Kb / 2P
   SURGE PROTECTIVE DEVICES
RHCA3216 OKAYA-RHCA3216 Datasheet
159Kb / 2P
   SURGE PROTECTIVE DEVICES
RAM-BWZ OKAYA-RAM-BWZ Datasheet
90Kb / 1P
   SURGE PROTECTIVE DEVICES
RAV-LDF OKAYA-RAV-LDF Datasheet
79Kb / 1P
   SURGE PROTECTIVE DEVICES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com