Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C7NP2J225 Datasheet(PDF) 1 Page - Okaya Electric America, Inc.

Part # C7NP2J225
Description  HIGH PULSE CAPACITOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

C7NP2J225 Datasheet(HTML) 1 Page - Okaya Electric America, Inc.

  C7NP2J225 Datasheet HTML 1Page - Okaya Electric America, Inc. C7NP2J225 Datasheet HTML 2Page - Okaya Electric America, Inc. C7NP2J225 Datasheet HTML 3Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
36
Features
Applications
Electrical Specifications
● High insulation resistance (more than 50,000MΩ
at less than 0.33μF).
● Low dissipation factor (less than 0.001 at 1kHz).
● High surge withstand voltage and high current
withstand capability.
● High frequent circuit, Resonant circuit in high
voltage, Snubber circuit, Protection of
semiconductors, Ultra-high impedance circuit and
Long time constant circuit.
Operating Temperature: -40~+85°C
● Circuit
type: a
type: b
● Model numbering system
N
7
C
P
2 E
1 0 4
K
Series name
Rated Voltage
2E= 250VDC
2G= 400VDC
2J = 630VDC
3B=1,250VDC
3C=1,600VDC
The first two digits stands
for capacitance (pF).
The third digit is for the
number of continuing zero.
Capacitance
Tolerance of
Capacitance
J ±5%
K ±10%
C7NP SERIES
HIGH PULSE CAPACITOR
Metalized Polypropylene
Film Capacitor
Rated
Voltage
2E
(250VDC)
2G
(400VDC)
Model Number
C7NP2E104
C7NP2E154
C7NP2E224
C7NP2E334
C7NP2E474
C7NP2E684
C7NP2E105
C7NP2E155
C7NP2E225
C7NP2E335
C7NP2E475
C7NP2E685
C7NP2E106
C7NP2E156
C7NP2E226
C7NP2G473
C7NP2G683
C7NP2G104
C7NP2G154
C7NP2G224
C7NP2G334
C7NP2G474
C7NP2G684
C7NP2G105
C7NP2G155
C7NP2G225
C7NP2G335
C7NP2G475
C7NP2G685
C7NP2G106
Dissipation
factor
Test
voltage
Insulation
resistance
0.001max.
(at 1kHz)
Rated Voltage
x 1.75VDC
(2~5sec)
C≤0.33μF
50,000MΩmin.
(at 20°C, 100VDC)
C>0.33μF
20,000Ω•Fmin.
(at 20°C, 100VDC)
Capacitance
μF
0.1
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10.0
15.0
22.0
0.047
0.068
0.1
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10.0
Dimensions (mm)
W
17.0
17.0
17.0
25.0
25.0
25.0
30.0
30.0
30.5
41.0
41.0
41.0
59.5
59.5
59.5
17.0
17.0
17.0
25.0
25.0
25.0
30.0
30.0
30.0
41.0
41.0
49.5
59.5
59.5
59.5
HT
6.5
6.5
8.0
6.5
8.0
10.0
11.0
13.5
16.0
15.5
15.5
17.5
21.5
30.5
30.5
6.5
6.5
8.0
6.5
8.0
10.0
11.0
13.5
13.5
15.5
17.5
20.5
21.5
30.5
30.5
13.5
13.5
15.0
16.0
17.5
19.5
22.0
24.5
28.0
28.0
28.0
32.5
35.0
43.5
43.5
13.5
13.5
15.0
16.0
17.5
19.5
22.0
24.5
24.5
28.0
28.0
33.0
35.5
43.5
43.5
F
15.0
15.0
15.0
22.5
22.5
22.5
27.5
27.5
27.5
37.5
37.5
37.5
55.0
55.0
55.0
15.0
15.0
15.0
22.5
22.5
22.5
27.5
27.5
27.5
37.5
37.5
45.0
55.0
55.0
55.0
d
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1.0
1.0
1.0
1.0
-
-
-
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1.0
1.0
-
-
-
-
Type
a
a
a
a
a
a
a
a
a
a
a
a
b
b
b
a
a
a
a
a
a
a
a
a
a
a
b
b
b
b
It is possible to use from more than 85°C to 105°C by derating of rated voltage.
:J=Tolerance of Capacitance ±5%, K=Tolerance of Capacitance ±10%
● Dimensions
Unit: mm
type: a
0.8
F±1
W±1
2
type: b
W±0.5
F±0.5
φ d±0.05


Similar Part No. - C7NP2J225

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
C7NP2J104J OKAYA-C7NP2J104J Datasheet
518Kb / 1P
   HIGH PULSE CAPACITOR
C7NP2J104K OKAYA-C7NP2J104K Datasheet
518Kb / 1P
   HIGH PULSE CAPACITOR
More results

Similar Description - C7NP2J225

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
HRC2J682J OKAYA-HRC2J682J Datasheet
290Kb / 1P
   HIGH PULSE CAPACITOR
AFV OKAYA-AFV_14 Datasheet
81Kb / 1P
   HIGH PULSE CAPACITOR
C1NP2E225J OKAYA-C1NP2E225J Datasheet
309Kb / 1P
   HIGH PULSE CAPACITOR
HHC400V104J OKAYA-HHC400V104J Datasheet
302Kb / 1P
   HIGH PULSE CAPACITOR
HRC2J682J OKAYA-HRC2J682J_14 Datasheet
266Kb / 1P
   HIGH PULSE CAPACITOR
C1NP2E225J OKAYA-C1NP2E225J_14 Datasheet
63Kb / 1P
   HIGH PULSE CAPACITOR
HHC400V104J OKAYA-HHC400V104J_14 Datasheet
100Kb / 2P
   HIGH PULSE CAPACITOR
C7NP2E104J OKAYA-C7NP2E104J Datasheet
518Kb / 1P
   HIGH PULSE CAPACITOR
HCP-S OKAYA-HCP-S Datasheet
88Kb / 2P
   HIGH PULSE CAPACITOR
logo
Illinois Capacitor, Inc...
107DCN2R7SLB ILLINOISCAPACITOR-107DCN2R7SLB Datasheet
128Kb / 1P
   High pulse power capacitor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com