Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HHC1250V103 Datasheet(PDF) 1 Page - Okaya Electric America, Inc.

Part # HHC1250V103
Description  HIGH PULSE CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

HHC1250V103 Datasheet(HTML) 1 Page - Okaya Electric America, Inc.

  HHC1250V103 Datasheet HTML 1Page - Okaya Electric America, Inc. HHC1250V103 Datasheet HTML 2Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
42
Features
Applications
● Compact size and resin case.
● Best for high frequency and high current.
● High frequency circuit, High voltage resonant
circuit, Snubber circuit and Protection of
semiconductors such as IGBT, IPM and MOSFET.
HHC SERIES
HIGH PULSE CAPACITOR
● Dimensions
Unit: mm
W±0.5
F±1.0
d±0.05
● Circuit
● Model numbering system
C
H
H
0
4
0 V
1 0 2
J
Type
The first two digits stands
for capacitance (pF).
The third digit is for the
number of continuing zero.
J
K
±5%
±10%
400VDC
630VDC
1,250VDC
400V
630V
1250V
Metalized Polypropylene
Film Capacitor
Electrical Specifications
Operating Temperature: -40~+105°C
Dimensions (mm)
W
17.0
17.0
17.0
17.0
17.0
25.0
25.0
25.0
25.0
25.0
25.0
17.0
17.0
17.0
17.0
17.0
17.0
17.0
17.0
17.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
17.0
17.0
17.0
17.0
17.0
17.0
17.0
HT
5.0
6.5
6.5
8.0
8.0
6.5
6.5
8.0
8.0
10.0
10.0
5.0
5.5
5.5
5.5
5.5
6.5
8.0
8.0
8.0
6.5
6.5
8.0
8.0
10.0
10.0
10.0
10.0
5.0
5.0
5.0
5.0
5.0
5.5
5.5
12.0
13.5
13.5
15.0
15.0
16.0
16.0
17.5
17.5
19.5
19.5
12.0
12.5
12.5
12.5
12.5
13.5
15.0
15.0
15.0
16.0
16.0
17.5
17.5
19.5
19.5
19.5
19.5
12.0
12.0
12.0
12.0
12.0
12.5
12.5
F
15.0
15.0
15.0
15.0
15.0
22.5
22.5
22.5
22.5
22.5
22.5
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
22.5
22.5
22.5
22.5
22.5
22.5
22.5
22.5
15.0
15.0
15.0
15.0
15.0
15.0
15.0
d
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
Dissipation
Factor
Test Voltage
Insulation
Resistance
0.001max.
(at 1k±100Hz)
Rated Voltage
×1.75VDC
(2~5sec)
50,000MΩmin.
(at 20°C, 100VDC)
Rated
Voltage
400VDC
630VDC
1250VDC
Model Number
HHC400V333
HHC400V393
HHC400V473
HHC400V563
HHC400V683
HHC400V823
HHC400V104
HHC400V124
HHC400V154
HHC400V184
HHC400V224
HHC630V103
HHC630V123
HHC630V153
HHC630V183
HHC630V223
HHC630V273
HHC630V333
HHC630V393
HHC630V473
HHC630V563
HHC630V683
HHC630V823
HHC630V104
HHC630V124
HHC630V154
HHC630V184
HHC630V224
HHC1250V102
HHC1250V122
HHC1250V152
HHC1250V182
HHC1250V222
HHC1250V272
HHC1250V332
Capacitance
μF±10%
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.001
0.0012
0.0015
0.0018
0.0022
0.0027
0.0033
:J=Tolerance of Capacitance ±5%, K=Tolerance of Capacitance ±10%


Similar Part No. - HHC1250V103

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
HHC1250V104J OKAYA-HHC1250V104J Datasheet
302Kb / 1P
   HIGH PULSE CAPACITOR
More results

Similar Description - HHC1250V103

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
HRC2J682J OKAYA-HRC2J682J Datasheet
290Kb / 1P
   HIGH PULSE CAPACITOR
AFV OKAYA-AFV_14 Datasheet
81Kb / 1P
   HIGH PULSE CAPACITOR
C1NP2E225J OKAYA-C1NP2E225J Datasheet
309Kb / 1P
   HIGH PULSE CAPACITOR
HHC400V104J OKAYA-HHC400V104J Datasheet
302Kb / 1P
   HIGH PULSE CAPACITOR
HRC2J682J OKAYA-HRC2J682J_14 Datasheet
266Kb / 1P
   HIGH PULSE CAPACITOR
C1NP2E225J OKAYA-C1NP2E225J_14 Datasheet
63Kb / 1P
   HIGH PULSE CAPACITOR
C7NP OKAYA-C7NP_14 Datasheet
102Kb / 3P
   HIGH PULSE CAPACITOR
C7NP2E104J OKAYA-C7NP2E104J Datasheet
518Kb / 1P
   HIGH PULSE CAPACITOR
HCP-S OKAYA-HCP-S Datasheet
88Kb / 2P
   HIGH PULSE CAPACITOR
logo
Illinois Capacitor, Inc...
107DCN2R7SLB ILLINOISCAPACITOR-107DCN2R7SLB Datasheet
128Kb / 1P
   High pulse power capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com