Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5400 Datasheet(PDF) 1 Page - Dc Components

Part # 1N5400
Description  TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

1N5400 Datasheet(HTML) 1 Page - Dc Components

  1N5400 Datasheet HTML 1Page - Dc Components 1N5400 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 3.0 Amperes
FEATURES
* Low cost
* Low leakage
* Low forward voltage drop
* High current capability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Mounting position: Any
* Weight: 1.18 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1N5400
THRU
1N5408
DO-27
NOTES : Measured at 1 MHZ and applied reverse voltage of 4.0 volts
Dimensions in inches and (millimeters)
at Rated DC Blocking Voltage
Maximum Full Load Reverse Current Average, Full Cycle
.375*(9.5mm) lead length at T L = 75
oC
VF
IR
1.1
5.0
30
uAmps
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 3.0A DC
Volts
@TA = 25
oC
@TA = 100
oC
500
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375*(9.5mm) lead length at T L = 105
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TJ, TSTG
VRMS
Volts
Volts
Volts
Amps
3.0
200
-65 to + 175
Amps
0 C
UNITS
Typical Thermal Resistance
R
θ JA
30
0C/ W
50
100
200
400
600
800
1000
70
35
140
280
420
700
560
50
200
400
600
800
1000
100
1N5400 1N5401 1N5402 1N5404 1N5406 1N5407 1N5408
* Lead: MIL-STD-202E, Method 208 guaranteed
* Polarity: Color band denotes cathode end
Typical Junction Capacitance (Note)
CJ
40
pF
112
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - 1N5400

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1N5400 DIOTEC-1N5400 Datasheet
61Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
logo
Taiwan Memory Technolog...
1N5400 TMT-1N5400 Datasheet
173Kb / 4P
   3A, 50V - 1000V Silicon Rectifiers
logo
Motorola, Inc
1N5400 MOTOROLA-1N5400 Datasheet
44Kb / 2P
   STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
SAMYANG ELECTRONICS CO....
1N5400 SAMYANG-1N5400 Datasheet
457Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
1N5400 TSC-1N5400 Datasheet
228Kb / 2P
   3.0 AMPS. Silicon Rectifiers
More results

Similar Description - 1N5400

ManufacturerPart #DatasheetDescription
logo
Dc Components
6A05 DCCOM-6A05 Datasheet
449Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
6A05M DCCOM-6A05M Datasheet
479Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
BY251 DCCOM-BY251 Datasheet
413Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
1N5400 CHONGQING-1N5400 Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1N5400G CHONGQING-1N5400G Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
6A05G CHONGQING-6A05G Datasheet
41Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1A1 CHONGQING-1A1 Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1N4001G CHONGQING-1N4001G Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1N5391G CHONGQING-1N5391G Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1N5391 CHONGQING-1N5391 Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
5A05G CHONGQING-5A05G Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com