Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIGHTEMP-HF Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # HIGHTEMP-HF
Description  High Temperature/High Frequency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

HIGHTEMP-HF Datasheet(HTML) 1 Page - EUROQUARTZ limited

  HIGHTEMP-HF Datasheet HTML 1Page - EUROQUARTZ limited HIGHTEMP-HF Datasheet HTML 2Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
DESCRIPTION
The 'HT' range of crystals are designed for applications subjected to
high operating temperatures. The CX1HT, CX4HT and CX9HT crystals
operate up to 200°C and feature an expected life in excess of 1000
hours at these temperatures. The frequency range is:
CX1HT: 8.0MHz to 250MHz
CX4VHT: 14MHz to 250MHz
CX9VHT: 14MHz to 250MHz.
OUTLINES & DIMENSIONS
FEATURES
High temperature operation up to 200°C
High schock resistance
Hermetically sealed ceramic package
HIGH TEMPERATURE CRYSTALS
High Temperature/High Frequency
6 MHz to 250MHz
CX1HT
CX4HT
CX9HT
14MHz ~ 250MHz
DIMENSIONS
A
8.38
5.33
4.32
B
3.94
2.16
1.73
C (SM1)
1.78
1.27
0.97
C (SM5)
1.90
1.35
1.02
D
1.40
1.16
0.97
E
1.78
0.51
F
1.78
0.64
CX1HT
CX4HT
CX9HT
Dim.
APPLICATIONS
Downhole instrumentation
Rotary shaft sensors
Underground boring tools
Suggested Soldering pattern
14MHz ~ 250MHz
8MHz ~ 250MHz


Similar Part No. - HIGHTEMP-HF

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
HIGHTEMP-LF EUROQUARTZ-HIGHTEMP-LF Datasheet
168Kb / 2P
   High Temperature/Low Frequency
More results

Similar Description - HIGHTEMP-HF

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT8919B SITIME-SIT8919B Datasheet
705Kb / 18P
   High Frequency, High Temperature Oscillator
logo
EUROQUARTZ limited
HIGHTEMP-LF EUROQUARTZ-HIGHTEMP-LF Datasheet
168Kb / 2P
   High Temperature/Low Frequency
logo
SiTime Corp.
SIT1618B SITIME-SIT1618B Datasheet
688Kb / 18P
   Standard Frequency, High Temperature Oscillator
logo
Illinois Capacitor, Inc...
107UVR6R3MEW ILLINOISCAPACITOR-107UVR6R3MEW Datasheet
259Kb / 2P
   High Temperature ??Very Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
ULR ILLINOISCAPACITOR-ULR Datasheet
259Kb / 3P
   High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
UVG ILLINOISCAPACITOR-UVG Datasheet
225Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
logo
TAITIEN ELECTRONICS CO....
XO-0128-X5-TYPE TAITIEN-XO-0128-X5-TYPE Datasheet
244Kb / 1P
   High stability, low temperature frequency coefficient
XO-0126-X8-TYPE TAITIEN-XO-0126-X8-TYPE Datasheet
194Kb / 1P
   High stability, low temperature frequency coefficient
logo
Illinois Capacitor, Inc...
277ULR6R3MDY ILLINOISCAPACITOR-277ULR6R3MDY Datasheet
333Kb / 3P
   High Temperature ??Very Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
UVR ILLINOISCAPACITOR-UVR Datasheet
177Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com