Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C7NP3C152 Datasheet(PDF) 3 Page - Okaya Electric America, Inc.

Part # C7NP3C152
Description  HIGH PULSE CAPACITOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

C7NP3C152 Datasheet(HTML) 3 Page - Okaya Electric America, Inc.

  C7NP3C152 Datasheet HTML 1Page - Okaya Electric America, Inc. C7NP3C152 Datasheet HTML 2Page - Okaya Electric America, Inc. C7NP3C152 Datasheet HTML 3Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
38
C7NP SERIES
HIGH PULSE CAPACITOR
Metalized Polypropylene
Film Capacitor
● Permissible current data (r.m.s. value)
10.0
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
10
100
1,000
0.10μF
1.0μF
10μF
0.01μF
0.10μF
0.22μF
0.47μF
1.5μF
1.0μF
0.10μF
1.0μF
10μF
0.047μF
0.068μF
0.10μF
0.22μF
0.33μF
0.47μF
1.0μF
0.022μF
0.047μF
0.22μF
0.47μF
C7NP2E Series
C7NP3B Series
C7NP3C Series
C7NP2G Series
C7NP2J Series
Frequency (kHz)
10
100
1,000
Frequency (kHz)
10
100
1,000
Frequency (kHz)
10
100
1,000
Frequency (kHz)
10
100
1,000
Frequency (kHz)
10.0
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
10.0
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
10.0
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0


Similar Part No. - C7NP3C152

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
C7NP3C104J OKAYA-C7NP3C104J Datasheet
518Kb / 1P
   HIGH PULSE CAPACITOR
C7NP3C104K OKAYA-C7NP3C104K Datasheet
518Kb / 1P
   HIGH PULSE CAPACITOR
More results

Similar Description - C7NP3C152

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
HRC2J682J OKAYA-HRC2J682J Datasheet
290Kb / 1P
   HIGH PULSE CAPACITOR
AFV OKAYA-AFV_14 Datasheet
81Kb / 1P
   HIGH PULSE CAPACITOR
C1NP2E225J OKAYA-C1NP2E225J Datasheet
309Kb / 1P
   HIGH PULSE CAPACITOR
HHC400V104J OKAYA-HHC400V104J Datasheet
302Kb / 1P
   HIGH PULSE CAPACITOR
HRC2J682J OKAYA-HRC2J682J_14 Datasheet
266Kb / 1P
   HIGH PULSE CAPACITOR
C1NP2E225J OKAYA-C1NP2E225J_14 Datasheet
63Kb / 1P
   HIGH PULSE CAPACITOR
HHC400V104J OKAYA-HHC400V104J_14 Datasheet
100Kb / 2P
   HIGH PULSE CAPACITOR
C7NP2E104J OKAYA-C7NP2E104J Datasheet
518Kb / 1P
   HIGH PULSE CAPACITOR
HCP-S OKAYA-HCP-S Datasheet
88Kb / 2P
   HIGH PULSE CAPACITOR
logo
Illinois Capacitor, Inc...
107DCN2R7SLB ILLINOISCAPACITOR-107DCN2R7SLB Datasheet
128Kb / 1P
   High pulse power capacitor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com