Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N914 Datasheet(PDF) 1 Page - Dc Components

Part # 1N914
Description  TECHNICAL SPECIFICATIONS OF HIGH SPEED SWITCHING DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

1N914 Datasheet(HTML) 1 Page - Dc Components

  1N914 Datasheet HTML 1Page - Dc Components 1N914 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SYMBOL
1N914 1N4148 1N4150 1N4151 1N4154 1N4448 1N4454
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
100
100
50
75
35
100
75
V
Maximum Average Rectified Current
Io
75
150
200
150
150
150
150
mA
Maximum Power Dissipation Tamb=25
oC
Ptot
250
500
500
500
500
500
500
mW
Maximum Forward Voltage
VF
1.0/10
1.0/10
1.0/200
1.0/50
1.0/30 1.0/100 1.0/10
V/mA
Maximum Reverse Current
IR
5000/75 5000/75 100/50
50/50
100/25 5000/75 100/10
nA/V
Maximum Reverse Recovery Time
trr
4.0
4.0
4.0
2.0
2.0
4.0
4.0
nS
Typical Junction Capacitance
CJ
4.0
pF
Operating and Storage Temperature Range
TJ,TSTG
-65 to + 200
oC
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1N914
THRU
Dimensions in millimeters
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
0.52Ø
2.0MAX
25.0MIN
L
25.0MIN
NOTE: 1-1N914A, 1N914B IS SAME AS 1N914, EXCEPT DIFFERENT IN FORWARD VOLTAGE:
1N914A-1.0/20 V/mA
1N914B-1.0/100 V/mA
2.Suffix "M" stands for "DO-34" package.(e.g.:1N4148M)
TECHNICAL SPECIFICATIONS OF HIGH SPEED SWITCHING DIODES
VOLTAGE RANGE -50 to 100 Volts
CURRENT - 0.075 to 0.2 Ampere
FEATURES
* Silicon epitaxial planar diodes
* Low leakage
* Low forward voltage
* High speed switching
* High current capability
* High reliability
MECHANICAL DATA
* Case: Glass sealed case
* Lead: MIL-STD-202E, Method 208 guaranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.13 gram
* Low power loss, high efficiency
1N
1N
4148
4454
DO-34 / DO-35
DO-34
2.9
MAX
DO-35
4.2
MAX
L:
98
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - 1N914

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N914 VISHAY-1N914 Datasheet
71Kb / 3P
   Small Signal Fast Switching Diodes
Rev. 1.8, 06-Dec-13
logo
NXP Semiconductors
1N914 PHILIPS-1N914 Datasheet
51Kb / 8P
   High-speed diode
1999 May 26
logo
New Jersey Semi-Conduct...
1N914 NJSEMI-1N914 Datasheet
44Kb / 1P
   Small Signal Devices
logo
National Semiconductor ...
1N914 NSC-1N914 Datasheet
138Kb / 1P
   Diode Data
logo
SEMTECH ELECTRONICS LTD...
1N914 SEMTECH_ELEC-1N914 Datasheet
127Kb / 1P
   FAST SWITCHING DIODES
More results

Similar Description - 1N914

ManufacturerPart #DatasheetDescription
logo
Dc Components
DL4148 DCCOM-DL4148 Datasheet
259Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH SPEED SWITCHING DIODES
DLQ4148 DCCOM-DLQ4148 Datasheet
236Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SWITCHING DIODES
DL4728A DCCOM-DL4728A Datasheet
188Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZX55C2V4 DCCOM-BZX55C2V4 Datasheet
199Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZT52C2V4S DCCOM-BZT52C2V4S Datasheet
246Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES
BZQ55C2V4 DCCOM-BZQ55C2V4 Datasheet
236Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
DL60P DCCOM-DL60P Datasheet
43Kb / 1P
   TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY DIODES
1N4728A DCCOM-1N4728A Datasheet
214Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZM55C2V4 DCCOM-BZM55C2V4 Datasheet
245Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZT52C2V4 DCCOM-BZT52C2V4 Datasheet
233Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com