Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5230B Datasheet(PDF) 1 Page - Dc Components

Part # 1N5230B
Description  TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

1N5230B Datasheet(HTML) 1 Page - Dc Components

  1N5230B Datasheet HTML 1Page - Dc Components 1N5230B Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1N5221B
THRU
DO-35
Dimensions in millimeters
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
0.52Ø
2.0MAX
25.0MIN
4.2MAX
25.0MIN
TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
FEATURES
* Voltage Range:2.4V to 39V
MECHANICAL DATA
* Case: Glass sealed case
* Lead: MIL-STD-202E, Method 208 guaranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.13 gram
* Double slug type construction
1N5259B
SYMBOL
VALUE
UNITS
Zener Current see Table "Characterisitics"
Power Dissipation at Tamb=25
oC
Ptot
500
(1)
mW
Junction Temperature
Tj
175
oC
Storage Temperature Range
Tstg
-55 to + 175
oC
K/mW
Thermal Resistance
RthA
-
Typ.
Junction to Ambient Air
-
Min.
0.3
(1)
Max.
Volts
Forward Voltage
VF
-
Typ.
at IF=100mA
-
Min.
1
Max.
1)Valid Provided that leads are kept at ambient temperature at a distance of 8 mm from case.
NOTE: Suffix "B" indicates Zener Voltage Tolerance ± 5%
160
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - 1N5230B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5230B VISHAY-1N5230B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
SeCoS Halbleitertechnol...
1N5230B SECOS-1N5230B Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
EIC discrete Semiconduc...
1N5230B EIC-1N5230B Datasheet
38Kb / 2P
   ZENER DIODES
logo
Microdiode Electronics ...
1N5230B CHENDA-1N5230B Datasheet
184Kb / 3P
   ZENER DIODES
logo
Fairchild Semiconductor
1N5230B FAIRCHILD-1N5230B Datasheet
193Kb / 4P
   Zeners
More results

Similar Description - 1N5230B

ManufacturerPart #DatasheetDescription
logo
Dc Components
DL4728A DCCOM-DL4728A Datasheet
188Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZX55C2V4 DCCOM-BZX55C2V4 Datasheet
199Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZM55C2V4 DCCOM-BZM55C2V4 Datasheet
245Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
DLQ5221B DCCOM-DLQ5221B Datasheet
233Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZQ55C2V4 DCCOM-BZQ55C2V4 Datasheet
236Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
1N4728A DCCOM-1N4728A Datasheet
214Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
DL5221B DCCOM-DL5221B Datasheet
220Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZV55C2V4 DCCOM-BZV55C2V4 Datasheet
238Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
DLM5221B DCCOM-DLM5221B Datasheet
245Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
MMSZ5221BS DCCOM-MMSZ5221BS Datasheet
245Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com