Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T96 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # T96
Description  Very Rugged - Low Phase Noise
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

T96 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  T96 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
SPECIFICATIONS
Frequency Range:
10.0MHz to 100.0MHz
Output:
HCMOS
Supply Voltage
T96:
+3.3VDC ±5%
T97:
+5.0VDC ±5%
Supply Current:
<50mA
Symmetry:
50%±10%
Load:
10pF to 20pF
Output Level
LOW:
0 to +0.1V max.
HIGH:
+2.8v min. (T96), +4.2V min. (T97)
Temperature Stability:
Reflow Shift:
<2.0ppm
Ageing:
<1 ppm/year
Frequency Adjust:
±5ppm typical via 0 to Vcc control
voltage, positive slope
Input Impedance:
50kΩ min.
Phase Noise:
Environmental:
This part may be screened to
MIL-PRF-55310, Class B,
except for seal test.
T96 - OUTLINES AND DIMENSIONS
Very Rugged - Low Phase Noise
T96 SERIES TCXO
10.0MHz to 100.0MHz
Very rugged TCXO
Low Phase Noise
STABILITY OVER TEMPERATURE
Temp. Range
Stability
Part No. Code
0~+70°C
±0.3 ppm
K37
-20~+70°C
±0.5 ppm
N57
-40~+85°C
±0.5 ppm
T57
-40~+85°C
±1.0 ppm
T16
-55~+95°C
±1.0 ppm
V16
PART NUMBERING
Example:
T96-K37-10.0MHz
T96
- K37 - 10.0MHz
Model number - Stability - Frequency
DESCRIPTION
T96 series TCXOs are high stability TCXOs designed for applications
requiring a very rugged components. The part exhibits low phase
noise.
PHASE NOISE
(Typical)
Offset
dBc/Hz
at 10MHz
dBc/Hz
at 100MHz
10Hz
-90
-70
100Hz
-115
-95
1kHz
-135
-115
10kHz
-150
-125
100kHz
-155
-125


Similar Part No. - T96

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T96 VISHAY-T96 Datasheet
93Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
T96 VISHAY-T96 Datasheet
283Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
logo
E-SWITCH
T960012 E-SWITCH-T960012 Datasheet
199Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T960013 E-SWITCH-T960013 Datasheet
161Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T960014 E-SWITCH-T960014 Datasheet
159Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
More results

Similar Description - T96

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
T1185 EUROQUARTZ-T1185 Datasheet
75Kb / 1P
   Very Rugged TCXO, Low Noise
T1177 EUROQUARTZ-T1177 Datasheet
76Kb / 1P
   Very Rugged TCXO, Low Noise
Y1600 EUROQUARTZ-Y1600 Datasheet
74Kb / 1P
   Rugged XO/Low Phase Noise
logo
ILSI America LLC
I428 ILSI-I428 Datasheet
134Kb / 2P
   Very Low Phase Noise Option
logo
Mitel Networks Corporat...
SP8400 MITEL-SP8400 Datasheet
113Kb / 6P
   Very Low Phase Noise Synthesiser Divider
logo
Zarlink Semiconductor I...
SP8400 ZARLINK-SP8400 Datasheet
383Kb / 5P
   Very Low Phase Noise Synthesiser Divider
logo
Mitel Networks Corporat...
SP5748 MITEL-SP5748 Datasheet
295Kb / 15P
   2.4GHz Very Low Phase Noise PLL
SP8401 MITEL-SP8401 Datasheet
98Kb / 5P
   Very Low Phase Noise 300MHz 첨10/11
logo
Zarlink Semiconductor I...
SP8402 ZARLINK-SP8402 Datasheet
463Kb / 6P
   Very Low Phase Noise Divider by 2N
logo
Mitel Networks Corporat...
SP8402 MITEL-SP8402 Datasheet
107Kb / 6P
   Very Low Phase Noise Divider by 2N
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com