Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6A10G Datasheet(PDF) 1 Page - Dc Components

Part # 6A10G
Description  TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

6A10G Datasheet(HTML) 1 Page - Dc Components

  6A10G Datasheet HTML 1Page - Dc Components 6A10G Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts
CURRENT - 6.0 Amperes
FEATURES
* Low cost
* Low leakage
* Low forward voltage drop
* High current capability
* High surge current capability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Mounting position: Any
* Weight: 2.08 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
6A05G
THRU
6A10G
R-6
NOTES : Measured at 1 MHZ and applied reverse voltage of 4.0 volts
Dimensions in inches and (millimeters)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 60
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Typical Thermal Resistance
SYMBOL
VRRM
VDC
IFSM
TJ, TSTG
VRMS
6A05G
6A1G
6A2G
6A4G
6A6G
6A8G
6A10G
UNITS
50
100
400
800
1000
Volts
Volts
Volts
Amps
35
50
420
600
70
100
280
400
600
560
800
700
1000
6.0
400
10
Amps
0 C
200
140
200
Operating and Storage Temperature Range
R
θ JA
IO
-65 to + 175
0 C/ W
at Rated DC Blocking Voltage
Maximum Full Load Reverse Current Average Full Cycle
.375*(9.5mm) lead length at T L = 75
oC
VF
IR
1.1
uAmps
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 6.0A DC
Volts
@TA = 25
oC
@TA = 100
oC
10
500
50
* Lead: MIL-STD-202E, Method 208 guaranteed
* Polarity: Color band denotes cathode end
Typical Junction Capacitance (Note)
CJ
150
pF
144
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - 6A10G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
6A10G JGD-6A10G Datasheet
137Kb / 2P
   6.0 AMP. GLASS PASSIVATED RECTIFIERS
logo
Leshan Radio Company
6A10G LRC-6A10G Datasheet
311Kb / 7P
   Glass Passivated JunctionGeneral Purpose Plastic Rectifiers
logo
Chongqing Pingwei Enter...
6A10G CHONGQING-6A10G Datasheet
177Kb / 1P
   6.0AMPS . GLASS PASSIVATED RECTIFIERS
logo
GOOD-ARK Electronics
6A10G GOOD-ARK-6A10G Datasheet
164Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
6A10G KISEMICONDUCTOR-6A10G Datasheet
75Kb / 2P
   GLASS PASSIVATED RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current -6.0Amperes
More results

Similar Description - 6A10G

ManufacturerPart #DatasheetDescription
logo
Dc Components
1N4001G DCCOM-1N4001G Datasheet
399Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
1N5400G DCCOM-1N5400G Datasheet
411Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
RL201G DCCOM-RL201G Datasheet
409Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
1N5391G DCCOM-1N5391G Datasheet
379Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
FR301G DCCOM-FR301G Datasheet
440Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR601G DCCOM-FR601G Datasheet
460Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR201G DCCOM-FR201G Datasheet
440Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
1N4933G DCCOM-1N4933G Datasheet
408Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR101G DCCOM-FR101G Datasheet
428Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR151G DCCOM-FR151G Datasheet
410Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com