Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JM54AC138 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # JM54AC138
Description  1-of-8 Decoder Demultiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

JM54AC138 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button JM54AC138 Datasheet HTML 2Page - National Semiconductor (TI) JM54AC138 Datasheet HTML 3Page - National Semiconductor (TI) JM54AC138 Datasheet HTML 4Page - National Semiconductor (TI) JM54AC138 Datasheet HTML 5Page - National Semiconductor (TI) JM54AC138 Datasheet HTML 6Page - National Semiconductor (TI) JM54AC138 Datasheet HTML 7Page - National Semiconductor (TI) JM54AC138 Datasheet HTML 8Page - National Semiconductor (TI) JM54AC138 Datasheet HTML 9Page - National Semiconductor (TI) JM54AC138 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AC Electrical Characteristics
54AC
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 8)
C
L = 50 pF
Min
Max
t
PLH
Propagation Delay
3.3
1.0
16.0
ns
A
n to On
5.0
1.5
12.0
t
PHL
Propagation Delay
3.3
1.0
15.0
ns
A
n to On
5.0
1.5
11.5
t
PLH
Propagation Delay
3.3
1.0
16.5
ns
E
1 or E2 to On
5.0
1.5
13.0
t
PHL
Propagation Delay
3.3
1.0
15.5
ns
E
1 or E2 to On
5.0
1.5
12.0
t
PLH
Propagation Delay
3.3
1.0
17.0
ns
E
3 to On
5.0
1.5
13.5
t
PHL
Propagation Delay
3.3
1.0
15.0
ns
E
3 to On
5.0
1.5
11.0
Note 8: Voltage Range 3.3 is 3.3V ±0.3V
Voltage Range 5.0 is 5.0V ±0.5V
AC Electrical Characteristics
54ACT
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 9)
C
L = 50 pF
Min
Max
t
PLH
Propagation Delay
5.0
1.5
12.5
ns
A
n to On
t
PHL
Propagation Delay
5.0
1.5
12.5
ns
A
n to On
t
PLH
Propagation Delay
5.0
1.5
13.5
ns
E
1 or E2 to On
t
PHL
Propagation Delay
5.0
1.5
12.5
ns
E
1 or E2 to On
t
PLH
Propagation Delay
5.0
1.5
14.0
ns
E
3 toOn
t
PHL
Propagation Delay
5.0
1.5
12.0
ns
E
3 toOn
Note 9: Voltage Range 5.0 is 5.0V ±0.5V
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
PD
Power Dissipation
60.0
pF
V
CC = 5.0V
Capacitance
7
www.national.com


Similar Part No. - JM54AC138

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
JM54AC10BDA NSC-JM54AC10BDA Datasheet
122Kb / 8P
   Triple 3-Input NAND Gate
More results

Similar Description - JM54AC138

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
   1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
   1-of-8 Decoder/Demultiplexer
Revised July 2003
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
   1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
logo
Hitachi Semiconductor
HD74AC138 HITACHI-HD74AC138 Datasheet
66Kb / 11P
   1-of-8 Decoder/Demultiplexer
logo
NXP Semiconductors
74ALS138 PHILIPS-74ALS138 Datasheet
76Kb / 8P
   1-of-8 decoder/demultiplexer
1996 Jul 03
logo
National Semiconductor ...
54F138DM NSC-54F138DM Datasheet
174Kb / 10P
   1-of-8 Decoder/Demultiplexer
logo
Integral Corp.
IN74ACT138 INTEGRAL-IN74ACT138 Datasheet
161Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74HC138A ONSEMI-MC74HC138A_12 Datasheet
142Kb / 10P
   1-of-8 Decoder/ Demultiplexer
July, 2012 ??Rev. 12
logo
Motorola, Inc
SN54LS138 MOTOROLA-SN54LS138 Datasheet
185Kb / 5P
   1-OF-8 DECODER/ DEMULTIPLEXER
logo
ON Semiconductor
MC74HC138A ONSEMI-MC74HC138A Datasheet
185Kb / 8P
   1-of-8 Decoder/Demultiplexer
March, 2000 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com