Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JSG-21S1AA1 Datasheet(PDF) 7 Page - JDS Uniphase Corporation

Part # JSG-21S1AA1
Description  Fibre Channel Small Form Factor PTH Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

JSG-21S1AA1 Datasheet(HTML) 7 Page - JDS Uniphase Corporation

Back Button JSG-21S1AA1 Datasheet HTML 3Page - JDS Uniphase Corporation JSG-21S1AA1 Datasheet HTML 4Page - JDS Uniphase Corporation JSG-21S1AA1 Datasheet HTML 5Page - JDS Uniphase Corporation JSG-21S1AA1 Datasheet HTML 6Page - JDS Uniphase Corporation JSG-21S1AA1 Datasheet HTML 7Page - JDS Uniphase Corporation JSG-21S1AA1 Datasheet HTML 8Page - JDS Uniphase Corporation JSG-21S1AA1 Datasheet HTML 9Page - JDS Uniphase Corporation JSG-21S1AA1 Datasheet HTML 10Page - JDS Uniphase Corporation JSG-21S1AA1 Datasheet HTML 11Page - JDS Uniphase Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
JSF-21S0AA1
JSG-21S1AA1
JSF-21S2AA1
JSG-21S3AA1
SW 2x / 1x Fibre Channel Small Form Factor PTH Transceiver
03/06/02
Page 7 of 22
Absolute Maximum Ratings
Symbol
Parameter
Min.
Typical
Max.
Unit
Notes
TS
Storage Temperature
-40
85
°C
1
RHS
Relative Humidity–Storage
0
95
%
1, 2
VCC
Supply Voltage
-0.5
4.0
V
1
VI
TTL DC Input Voltage
0
VCC + 0.7
V
1
TSOLD
Connector Pin Temp during soldering
165/5
°C/s
1,3
TSOLD
Optics Temperature during soldering
100/60
°C/s
4
1. Stresses listed may be applied one at a time without causing permanent damage. Exposure to these values for extended periods
may affect reliability. Specification Compliance is only defined within Specified Operating Conditions.
2. Non-condensing environment.
3. The connector pin temperature can be measured with a thermocouple attached to pin 3 of the header.
4. The optics temperature can be measured with a thermocouple on the device with the cover off.
Specified Operating Conditions
Symbol
Parameter
Min.
Typical
Max.
Unit
TOP
Ambient Operating Temperature
0
70
°C
VDDT, VDDR Supply Voltage
2.97
3.3
3.63
V
RHOP
Relative Humidity-Operating
8
80
%
Power Supply Interface
Symbol
Parameter
Min
Typical
Max.
Unit
ITx
Tx Power Current (@ 3.3 V)
60
mA
IRx
Rx Power Current (@ 3.3 V)
90
mA
ITx
Tx Power Current (@ 3.63 V)
85
mA
IRx
Rx Power Current (@ 3.63 V)
115
mA
PTx
Tx Power Dissipation (@ 3.3 V)
200
mW
PRx
Rx Power Dissipation (@ 3.3 V)
300
mW
PTx
Tx Power Dissipation (@ 3.63 V)
300
mW
PRx
Rx Power Dissipation (@ 3.63 V)
400
mW
Ripple & Noise
100
mV (pk-pk)


Similar Part No. - JSG-21S1AA1

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
JSG CIT-JSG Datasheet
131Kb / 1P
   CIT SWITCH
logo
STANLEY ELECTRIC CO.,LT...
JSG1117ASE-TR STANLEY-JSG1117ASE-TR Datasheet
715Kb / 24P
   Thinner package, Green color emitting LED
logo
CIT Relay & Switch
JSGA CIT-JSGA Datasheet
131Kb / 1P
   CIT SWITCH
JSGB CIT-JSGB Datasheet
131Kb / 1P
   CIT SWITCH
JSGC CIT-JSGC Datasheet
131Kb / 1P
   CIT SWITCH
More results

Similar Description - JSG-21S1AA1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5921L AVAGO-HFBR-5921L Datasheet
301Kb / 18P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver
logo
Agilent(Hewlett-Packard...
HFBR-5921L HP-HFBR-5921L Datasheet
293Kb / 18P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5911LZALZ AVAGO-HFBR-5911LZALZ Datasheet
387Kb / 12P
   Small Form Factor Optical Transceiver
logo
Agilent(Hewlett-Packard...
HFBR-5921AL HP-HFBR-5921AL Datasheet
230Kb / 14P
   Fibre Channel 2.125/1.0625 GBd 850 nm (2 x 5) Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5921ALZ AVAGO-AFBR-5921ALZ Datasheet
691Kb / 13P
   Small Form Factor, Pin Through Hole (PTH), Low Voltage (3.3 V) 2x5 RoHS-Compliant Optical Transceiver for Fibre Channel 2.125/1.0625 GBd 850 nm
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
   Small Form-factor Pluggable (SFP) Transceiver Modules
logo
Infineon Technologies A...
V23818-M305-L57 INFINEON-V23818-M305-L57 Datasheet
400Kb / 15P
   Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC??Connector
2002-03-21
logo
Agilent(Hewlett-Packard...
HFBR-5710L HP-HFBR-5710L Datasheet
264Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57V6USZ AVAGO-AFCT-57V6USZ Datasheet
524Kb / 22P
   Small Form Factor Pluggable (SFP) LC Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com