Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4912F-TR Datasheet(PDF) 5 Page - Rohm

Part # BU4912F-TR
Description  Low Voltage Standard CMOS Voltage Detector ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4912F-TR Datasheet(HTML) 5 Page - Rohm

  BU4912F-TR Datasheet HTML 1Page - Rohm BU4912F-TR Datasheet HTML 2Page - Rohm BU4912F-TR Datasheet HTML 3Page - Rohm BU4912F-TR Datasheet HTML 4Page - Rohm BU4912F-TR Datasheet HTML 5Page - Rohm BU4912F-TR Datasheet HTML 6Page - Rohm BU4912F-TR Datasheet HTML 7Page - Rohm BU4912F-TR Datasheet HTML 8Page - Rohm BU4912F-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Datasheet
5/13
BU48xx series
BU49xx series
TSZ02201-0R7R0G300060-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
03.Feb.2014 Rev.010
www.rohm.com
TSZ22111・15・001
●Absolute Maximum Ratings
Parameter
Symbol
Limits
Unit
Power Supply Voltage
VDD
-0.3 to +7
V
Output Voltage
Nch Open Drain Output
VOUT
GND-0.3 to +7
V
CMOS Output
GND-0.3 to VDD+0.3
Output Current
Io
70
mA
Power
Dissipation
SSOP5
*1*4
Pd
540
mW
SOP4
*2*4
400
VSOF5
*3*4
210
Operation Temperature Range
Topt
-40 to +125
°C
Ambient Storage Temperature
Tstg
-55 to +125
*1 When used at temperatures higher than Ta=25℃, the power is reduced by 5.4mW per 1℃ above 25℃.
*2 When used at temperatures higher than Ta=25℃, the power is reduced by 4.0mW per 1℃ above 25℃.
*3 When used at temperatures higher than Ta=25℃, the power is reduced by 2.1mW per 1℃ above 25℃.
*4 When a ROHM standard circuit board (70mm×70mm×1.6mm, glass epoxy board)is mounted.
●Electrical Characteristics
Parameter
Symbol
Condition
Limits
Unit
Min.
Typ.
Max.
Detection Voltage
VDET
VDD=H
L , Ta=25℃,RL=470k
VDET(T)
×0.99
VDET(T)
VDET(T)
×1.01
V
VDET=1.8V
Ta=+25°C
1.782
1.8
1.818
Ta=-40°C to 85°C
1.741
-
1.860
Ta=85°C to 125°C
1.718
-
1.883
VDET=2.5V
Ta=+25°C
2.475
2.5
2.525
Ta=-40°C to 85°C
2.418
-
2.584
Ta=85°C to 125°C
2.386
-
2.615
VDET=3.0V
Ta=+25°C
2.970
3.0
3.030
Ta=-40°C to 85°C
2.901
-
3.100
Ta=85°C to 125°C
2.864
-
3.139
VDET=3.3V
Ta=+25°C
3.267
3.3
3.333
Ta=-40°C to 85°C
3.191
-
3.410
Ta=85°C to 125°C
3.150
-
3.452
VDET=4.2V
Ta=+25°C
4.158
4.2
4.242
Ta=-40°C to 85°C
4.061
-
4.341
Ta=85°C to 125°C
4.009
-
4.394
Detection Voltage
Temperature Coefficient
VDET/∆T
Ta=-40℃ to 125℃
*1
-
±30
-
ppm/℃
Hysteresis Voltage
∆VDET
VDD=L
H
L
Ta=-40℃ to 125℃
RL=470k
VDET≤1.0V
VDET
×0.03
VDET
×0.05
VDET
×0.08
V
VDET≥1.1V
VDET
×0.03
VDET
×0.05
VDET
×0.07
*1
Guaranteed by design.(Outgoing inspection is not done on all products.)
VDET(T) : Standard Detection Voltage (0.9V to 4.8V, 0.1V step)
RL: Pull-up resistor to be connected between VOUT and power supply.


Similar Part No. - BU4912F-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4912F-TR ROHM-BU4912F-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4912F-TR ROHM-BU4912F-TR Datasheet
1Mb / 19P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4912F-TR ROHM-BU4912F-TR Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4912F-TR ROHM-BU4912F-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
More results

Similar Description - BU4912F-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU48XXG ROHM-BU48XXG_11 Datasheet
290Kb / 9P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4842F-TR ROHM-BU4842F-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4815G-TR ROHM-BU4815G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU48XX ROHM-BU48XX Datasheet
1Mb / 19P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4811G-TR ROHM-BU4811G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4836F-TR ROHM-BU4836F-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4809G-TR ROHM-BU4809G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4825F-TR ROHM-BU4825F-TR Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4942G-TR ROHM-BU4942G-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com