Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNK6XX5E Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # LNK6XX5E
Description  Energy Efficient, High-Power Off-Line Switcher With Accurate Primary-Side Regulation (PSR)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK6XX5E Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button LNK6XX5E Datasheet HTML 6Page - Power Integrations, Inc. LNK6XX5E Datasheet HTML 7Page - Power Integrations, Inc. LNK6XX5E Datasheet HTML 8Page - Power Integrations, Inc. LNK6XX5E Datasheet HTML 9Page - Power Integrations, Inc. LNK6XX5E Datasheet HTML 10Page - Power Integrations, Inc. LNK6XX5E Datasheet HTML 11Page - Power Integrations, Inc. LNK6XX5E Datasheet HTML 12Page - Power Integrations, Inc. LNK6XX5E Datasheet HTML 13Page - Power Integrations, Inc. LNK6XX5E Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Rev. C 03/14
10
LinkSwitch-HP
www.powerint.com
www.powerint.com
Layout Considerations for eSIP-7C Package
Figure 12 is the layout for a 30 W adapter shown in the schematic
Figure 11. An eSIP-7C package is used as indicated by the
suffix in LNK6766E which allows the use of a stand-up heat
sink. The mounting pin for the heat sink should be electrically
isolated. It can be seen that the primary return trace wraps
around the LinkSwitch-HP device which acts as a shield around
the critical external control related components of LinkSwitch-HP.
These components include R7, R8, R19, R20 and C5, C8, C20.
Of particular importance is placing the bypass capacitor C5 and
COMPENSATION pin noise filter capacitor C8 as close as possible
to SOURCE pin with very short trace lengths to COMPENSATION
and BYPASS pins as shown. If an electrolytic capacitor is
selected as the bypass capacitor (C5) then an additional 100 nF
(C5) ceramic must also be fitted. The ground trace wrap, tight
layout and single point grounding to SOURCE pin of these
components avoids having noise related issues during peak
loads or during line transient such as surge or ESD events.
Another consideration for ESD and line surge is the primary-
side termination of the Y capacitor. The Y capacitor C18 should
be tied to the positive terminal of the bulk capacitor C2 in order
to route the potential of high currents away from the more
sensitive primary return traces.
Because of the tight layout common to adapter applications,
this design uses triple insulated wire and flying leads for output
winding termination to avoid secondary arcing to core during
ESD events.
The trace connecting the drain to transformer should be very
short and the primary clamp circuitry should be grouped
together and away from the more sensitive components. The
bias winding return and return of bias capacitor C6 should be
routed separately to the negative terminal of the input capacitor
C2 away from SOURCE pin.
The secondary rectifying loop that includes the secondary
winding, the output diode D8, and the first output capacitor C13
should be as tight as possible to minimize adding series
inductance which can reduce high load efficiency and degrade
the quality of regulation.
Figure 12. Layout for 30 W Adapter Using a eSIP-7C Package (View From Bottom Copper Layer).


Similar Part No. - LNK6XX5E

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK6XX5E POWERINT-LNK6XX5E Datasheet
3Mb / 25P
   Energy Efficient, High-Power Off-Line Switcher with Accurate Primary-Side Regulation (PSR)
November 2022
More results

Similar Description - LNK6XX5E

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK6666E POWERINT-LNK6666E Datasheet
2Mb / 24P
   Energy Efficient, High-Power Off-Line Switcher With Accurate Primary-Side Regulation (PSR)
LNK6663E POWERINT-LNK6663E Datasheet
3Mb / 25P
   Energy Efficient, High-Power Off-Line Switcher with Accurate Primary-Side Regulation (PSR)
November 2022
LNK6404D POWERINT-LNK6404D Datasheet
2Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CV/CC Switcher for Adapters and Chargers
March 2016
LYT2002 POWERINT-LYT2002 Datasheet
1Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CC/CV Switcher for LED Lighting Applications
September 2015
LNK623 POWERINT-LNK623_V01 Datasheet
1Mb / 20P
   Energy-Efficient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) ControlPrimary-side Constant-Voltage (CV) Control
May 2021
LNK623 POWERINT-LNK623 Datasheet
540Kb / 18P
   Energy-Effi cient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) Control
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TYN256P POWERINT-TYN256P Datasheet
155Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TNY290PG POWERINT-TNY290PG Datasheet
2Mb / 26P
   Energy-Efficient, Off-Line Switcher With Line Compensated Overload Power
TNY284 POWERINT-TNY284 Datasheet
2Mb / 26P
   Energy-Efficient, Off-Line Switcher with Line Compensated Overload Power
October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com