Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY251 Datasheet(PDF) 1 Page - Dc Components

Part # BY251
Description  TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

BY251 Datasheet(HTML) 1 Page - Dc Components

  BY251 Datasheet HTML 1Page - Dc Components BY251 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
VOLTAGE RANGE - 200 to 1300 Volts CURRENT - 3.0 Amperes
FEATURES
* Low cost
* Low leakage
* Low forward voltage drop
* High current capability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Mounting position: Any
* Weight: 1.18 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
BY251
THRU
BY255
DO-27
NOTES : Measured at 1 MHZ and applied reverse voltage of 4.0 volts
Dimensions in inches and (millimeters)
at Rated DC Blocking Voltage
Maximum Full Load Reverse Current Average, Full Cycle
.375*(9.5mm) lead length at T L = 75
oC
VF
IR
1.1
5.0
30
uAmps
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 3.0A DC
Volts
@TA = 25
oC
@TA = 100
oC
500
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375*(9.5mm) lead length at T L = 105
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TJ, TSTG
VRMS
Volts
Volts
Volts
Amps
3.0
200
-65 to + 175
Amps
0 C
UNITS
Typical Thermal Resistance
R q JA
30
0C/ W
* Lead: MIL-STD-202E, Method 208 guaranteed
* Polarity: Color band denotes cathode end
Typical Junction Capacitance (Note)
CJ
40
pF
BY251
BY252
BY253
BY254
BY255
200
400
600
800
1300
140
280
420
560
910
200
400
600
800
1300
114
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - BY251

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
BY251 TMT-BY251 Datasheet
173Kb / 4P
   3A, 200V - 800V Silicon Rectifiers
logo
Pan Jit International I...
BY251 PANJIT-BY251 Datasheet
67Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
logo
Diotec Semiconductor
BY251 DIOTEC-BY251 Datasheet
63Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
logo
EIC discrete Semiconduc...
BY251 EIC-BY251 Datasheet
47Kb / 2P
   SILICON RECTIFIER DIODES
logo
Diotec Semiconductor
BY251 DIOTEC-BY251 Datasheet
94Kb / 2P
   Standard Recovery Rectifier Diodes
More results

Similar Description - BY251

ManufacturerPart #DatasheetDescription
logo
Dc Components
6A05 DCCOM-6A05 Datasheet
449Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
6A05M DCCOM-6A05M Datasheet
479Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
1N5400 CHONGQING-1N5400 Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1N5400G CHONGQING-1N5400G Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
6A05G CHONGQING-6A05G Datasheet
41Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1A1 CHONGQING-1A1 Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1N4001G CHONGQING-1N4001G Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1N5391G CHONGQING-1N5391G Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1N5391 CHONGQING-1N5391 Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
5A05G CHONGQING-5A05G Datasheet
39Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com