Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84-A2V4 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BZX84-A2V4
Description  Voltage regulator diodes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZX84-A2V4 Datasheet(HTML) 1 Page - NXP Semiconductors

  BZX84-A2V4 Datasheet HTML 1Page - NXP Semiconductors BZX84-A2V4 Datasheet HTML 2Page - NXP Semiconductors BZX84-A2V4 Datasheet HTML 3Page - NXP Semiconductors BZX84-A2V4 Datasheet HTML 4Page - NXP Semiconductors BZX84-A2V4 Datasheet HTML 5Page - NXP Semiconductors BZX84-A2V4 Datasheet HTML 6Page - NXP Semiconductors BZX84-A2V4 Datasheet HTML 7Page - NXP Semiconductors BZX84-A2V4 Datasheet HTML 8Page - NXP Semiconductors BZX84-A2V4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
Product profile
1.1 General description
Low-power voltage regulator diodes in a small SOT23 (TO-236AB) Surface-Mounted
Device (SMD) plastic package.
The diodes are available in the normalized E24
1 % (BZX84-A), 2 % (BZX84-B) and
approximately
5 % (BZX84-C) tolerance range. The series includes 37 breakdown
voltages with nominal working voltages from 2.4 V to 75 V.
1.2 Features and benefits
1.3 Applications
General regulation functions
1.4 Quick reference data
[1]
Pulse test: tp  100 s;   0.02
[2]
Device mounted on a FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
BZX84 series
Voltage regulator diodes
Rev. 6 — 6 March 2014
Product data sheet
Total power dissipation:
 250 mW
Working voltage range:
nominal 2.4 V to 75 V (E24 range)
Three tolerance series:
1%, 2 % and
approximately
5%
Non-repetitive peak reverse power
dissipation:
 40 W
AEC-Q101 qualified
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF =10mA
[1] --
0.9
V
Ptot
total power dissipation
Tamb  25 °C
[2] --
250
mW


Similar Part No. - BZX84-A2V4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX84-A2V4 PHILIPS-BZX84-A2V4 Datasheet
63Kb / 12P
   Voltage regulator diodes
2003 Apr 10
BZX84-A2V4 NXP-BZX84-A2V4 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
BZX84-A2V4 NXP-BZX84-A2V4 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
BZX84-A2V4 NXP-BZX84-A2V4 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
BZX84-A2V4 NXP-BZX84-A2V4 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results

Similar Description - BZX84-A2V4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com