Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECW-H12362JV Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ECW-H12362JV
Description  Metallized Polypropylene Film Capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECW-H12362JV Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button ECW-H12362JV Datasheet HTML 4Page - Panasonic Semiconductor ECW-H12362JV Datasheet HTML 5Page - Panasonic Semiconductor ECW-H12362JV Datasheet HTML 6Page - Panasonic Semiconductor ECW-H12362JV Datasheet HTML 7Page - Panasonic Semiconductor ECW-H12362JV Datasheet HTML 8Page - Panasonic Semiconductor ECW-H12362JV Datasheet HTML 9Page - Panasonic Semiconductor ECW-H12362JV Datasheet HTML 10Page - Panasonic Semiconductor ECW-H12362JV Datasheet HTML 11Page - Panasonic Semiconductor ECW-H12362JV Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Rating
Voltage
Capacitance
Value(uF)
Code
dV/dt(V/us)
Current(o-p)
(A)
0.0100
103
60.0
0.0150
153
90.0
0.0220
223
132.0
0.0330
333
198.0
0.0470
473
282.0
0.0680
683
408.0
0.1000
104
600.0
1000VDC
Pulse Handling Capability (dV/dt)
(Max 10000cycles)
Permissible Current
Voltage Derating by Temperature
6000
0
200
400
600
800
1000
1200
-40
-20
0
20
40
60
80
100
120
0.1
1
10
10
100
1000
* Please consult Panasonic if your condition exceeds the above spec.
ECWH(V) Type 1000VDC Series (Metallized Polypropylene Film)
Applicable Specifications
Frequency (kHz)
Surface Temperature of Capacitor(Degree C)
From 0.0075uF to 0.1uF
0.01uF
0.015uF
0.022uF
0.033uF
0.047uF
0.068uF
0.1uF


Similar Part No. - ECW-H12362JV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECW-H12223JL PANASONIC-ECW-H12223JL Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECW-H12362JV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com