Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMKEY Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # PMKEY
Description  Douilles
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PMKEY Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  PMKEY Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part No.
Type Description
HMESQI7
Insert For escutcheon - 7mm square
HMESQI8
Insert For escutcheon - 8mm square
HMETRI6
Insert For escutcheon - 6.5mm triangle
HMETRI7
Insert For escutcheon - 7mm triangle
HMETRI8
Insert For escutcheon - 8mm triangle
HMEDBPI
Insert For escutcheon - double bit w/3mm pin
HMESLCPI Insert For escutcheon - slot - coin proof
HMENLINS Insert For HMEHLKL non-locking insert
2SQK7
Key
For escutcheon - 7mm square
HMESQK8
Key
For escutcheon - 8mm square
HMETRK6
Key
For escutcheon - 6.5mm triangle
2TRK7
Key
For escutcheon - 7mm triangle
HMETRK8
Key
For escutcheon - 8mm triangle
HMEDBPK
Key
For escutcheon - double bit w/3mm pin
PMKEY
Key
For escutcheon - standard double bit
Douilles
La quincaillerie de porte standard comprend une entrée de serrure
avec douille et clé.
D'autres douilles de verrouillage (et les clés correspondantes) sont
aussi disponibles.
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.


Similar Part No. - PMKEY

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PMK HAMMOND-PMK Datasheet
64Kb / 2P
   Trousse de montage sur poteau
logo
Taiyo Yuden (U.S.A.), I...
PMK042ABJ010BC-W TAIYO-YUDEN-PMK042ABJ010BC-W Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
PMK042ABJ010BD-W TAIYO-YUDEN-PMK042ABJ010BD-W Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
PMK042ABJ010ZC-W TAIYO-YUDEN-PMK042ABJ010ZC-W Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
PMK042ABJ010ZD-W TAIYO-YUDEN-PMK042ABJ010ZD-W Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
More results

Similar Description - PMKEY

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
QTIK HAMMOND-QTIK Datasheet
52Kb / 1P
   Douilles et cles pour verrous quart de tour
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com