Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETHD2G221HJ Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EETHD2G221HJ
Description  Aluminum Electrolytic Capacitors/ HD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETHD2G221HJ Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EETHD2G221HJ Datasheet HTML 1Page - Panasonic Semiconductor EETHD2G221HJ Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ HD
– EEE-149 –
Standard Products
W.V.
Cap.
(120 Hz)
(±20 %)
Case size
Part No.
Specification
Min. Packaging Q'ty
Dia.
Length
PET sleeve
Terminal Length
4.0 mm
(Without Top Plate)
Ripple
Current
(120 Hz)
(+105 °C)
tan d
(120 Hz)
(+20 °C)
max.
(V. DC)
(μF)
(mm)
(mm)
(A r.m.s.)
(pcs)
400
120
22
25
EETHD2G121HJ
0.75
0.15
200
180
25
25
EETHD2G181JJ
0.95
0.15
200
220
22
35
EETHD2G221HJ
1.10
0.15
200
25
30
EETHD2G221JJ
1.10
0.15
200
270
25
35
EETHD2G271JJ
1.22
0.15
200
30
25
EETHD2G271KJ
1.22
0.15
100
330
22
50
EETHD2G331HJ
1.44
0.15
200
25
40
EETHD2G331JJ
1.44
0.15
200
35
25
EETHD2G331LJ
1.44
0.15
100
390
25
45
EETHD2G391JJ
1.55
0.15
200
35
25
EETHD2G391LJ
1.55
0.15
100
470
25
50
EETHD2G471JJ
1.68
0.15
200
30
35
EETHD2G471KJ
1.68
0.15
100
35
30
EETHD2G471LJ
1.68
0.15
100
560
30
40
EETHD2G561KJ
1.90
0.15
100
35
35
EETHD2G561LJ
1.90
0.15
100
680
30
50
EETHD2G681KJ
2.12
0.15
100
35
40
EETHD2G681LJ
2.12
0.15
100
420
120
22
25
EETHD2S121HJ
0.74
0.15
200
150
22
30
EETHD2S151HJ
0.84
0.15
200
25
25
EETHD2S151JJ
0.84
0.15
200
180
22
35
EETHD2S181HJ
0.91
0.15
200
25
30
EETHD2S181JJ
0.91
0.15
200
220
22
40
EETHD2S221HJ
1.05
0.15
200
25
35
EETHD2S221JJ
1.05
0.15
200
270
22
50
EETHD2S271HJ
1.20
0.15
200
25
40
EETHD2S271JJ
1.20
0.15
200
30
30
EETHD2S271KJ
1.20
0.15
100
35
25
EETHD2S271LJ
1.20
0.15
100
330
25
45
EETHD2S331JJ
1.42
0.15
200
30
35
EETHD2S331KJ
1.42
0.15
100
390
25
50
EETHD2S391JJ
1.55
0.15
200
30
40
EETHD2S391KJ
1.55
0.15
100
35
30
EETHD2S391LJ
1.55
0.15
100
470
30
45
EETHD2S471KJ
1.71
0.15
100
35
35
EETHD2S471LJ
1.71
0.15
100
560
30
50
EETHD2S561KJ
1.90
0.15
100
35
40
EETHD2S561LJ
1.90
0.15
100
450
120
22
30
EETHD2W121HJ
0.72
0.20
200
25
25
EETHD2W121JJ
0.72
0.20
200
180
22
35
EETHD2W181HJ
0.87
0.20
200
25
30
EETHD2W181JJ
0.87
0.20
200
220
22
45
EETHD2W221HJ
1.00
0.20
200
25
35
EETHD2W221JJ
1.00
0.20
200
30
25
EETHD2W221KJ
1.00
0.20
100
270
22
50
EETHD2W271HJ
1.19
0.20
200
25
40
EETHD2W271JJ
1.19
0.20
200
30
30
EETHD2W271KJ
1.19
0.20
100
35
25
EETHD2W271LJ
1.19
0.20
100
330
25
45
EETHD2W331JJ
1.38
0.20
200
30
35
EETHD2W331KJ
1.38
0.20
100
390
30
40
EETHD2W391KJ
1.55
0.20
100
35
30
EETHD2W391LJ
1.55
0.20
100
470
30
45
EETHD2W471KJ
1.74
0.20
100
35
35
EETHD2W471LJ
1.74
0.20
100
560
30
50
EETHD2W561KJ
1.90
0.20
100
35
40
EETHD2W561LJ
1.90
0.20
100
Endurance : 105 °C 3000 h
01 Sep. 2013


Similar Part No. - EETHD2G221HJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETHD2G221HJ PANASONIC-EETHD2G221HJ Datasheet
62Kb / 2P
   Aluminum Electrolytic Capacitors
EETHD2G221HJ PANASONIC-EETHD2G221HJ Datasheet
54Kb / 2P
   Aluminum Electrolytic Capacitors/ HD
More results

Similar Description - EETHD2G221HJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-HD1E472 PANASONIC-EEU-HD1E472 Datasheet
75Kb / 3P
   Aluminum Electrolytic Capacitors/ HD
EEE-HD1H2R2R PANASONIC-EEE-HD1H2R2R Datasheet
81Kb / 2P
   Aluminum Electrolytic Capacitors/ HD
EEE-HD2A220P PANASONIC-EEE-HD2A220P Datasheet
68Kb / 2P
   Aluminum Electrolytic Capacitors/ HD
EEU-HD1H100 PANASONIC-EEU-HD1H100 Datasheet
82Kb / 3P
   Aluminum Electrolytic Capacitors/ HD
logo
Panasonic Battery Group
EEU-HD1C101 PANASONICBATTERY-EEU-HD1C101 Datasheet
88Kb / 3P
   Aluminum Electrolytic Capacitors/ HD
logo
Panasonic Semiconductor
EET-HD2W561LJ PANASONIC-EET-HD2W561LJ Datasheet
54Kb / 2P
   Aluminum Electrolytic Capacitors/ HD
EEE-HD1E101AP PANASONIC-EEE-HD1E101AP Datasheet
81Kb / 2P
   Aluminum Electrolytic Capacitors/ HD
EEVHD1A101P PANASONIC-EEVHD1A101P Datasheet
39Kb / 2P
   Aluminum Electrolytic Capacitor/HD
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com