Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C150KYKT Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # C150KYKT
Description  Ultra Bright AlInGaP Chip LED Lamp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

C150KYKT Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  C150KYKT Datasheet HTML 1Page - Lite-On Technology Corporation C150KYKT Datasheet HTML 2Page - Lite-On Technology Corporation C150KYKT Datasheet HTML 3Page - Lite-On Technology Corporation C150KYKT Datasheet HTML 4Page - Lite-On Technology Corporation C150KYKT Datasheet HTML 5Page - Lite-On Technology Corporation C150KYKT Datasheet HTML 6Page - Lite-On Technology Corporation C150KYKT Datasheet HTML 7Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
5-71
Power Dissipation
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
Continuous Forward Current
Derating Linear From 50
Reverse Voltage
Operating Temperature Range
Storage Temperature Range
Wave Soldering Condition
Infared Soldering Condition
Vapor phase Soldering Condition
Parameter
-55
to +85
-55
to +85
260
for 5 Seconds
260
for 5 Seconds
215
for 3 minutes
Unit
mW
mA
mA
mA/
V
Super
Red
75
80
30
0.4
5
Amber
Yellow
75
80
30
0.4
5
Yellow
Orange
75
80
30
0.4
5
Red
Orange
75
80
30
0.4
5
Yellow
75
80
30
0.4
5
Package Dimensions of Reel
NOTES:
1. Empty component pockets sealed with top cover tape
2. 7 inch reel-3000 pieces per reel.
3. The maximum number of consecutive missing lamps is two.
4. In accordance with ANSI/EIA 481-1-A-1994 specifications.
Absolute Mmaximum Ratings at Ta=25


Similar Part No. - C150KYKT

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
C150KFKT TO-GRACE-C150KFKT Datasheet
768Kb / 11P
   Meet ROHS, Green Product.
C150KGKT TO-GRACE-C150KGKT Datasheet
961Kb / 11P
   Meet ROHS, Green Product.
C150KRKT TO-GRACE-C150KRKT Datasheet
960Kb / 11P
   Meet ROHS, Green Product.
C150KSKT TO-GRACE-C150KSKT Datasheet
959Kb / 11P
   Meet ROHS, Green Product.
More results

Similar Description - C150KYKT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C171KGKT LITEON-LTST-C171KGKT Datasheet
396Kb / 6P
   Ultra bright AlInGaP Chip LED
LTSN-C190QF LITEON-LTSN-C190QF Datasheet
653Kb / 10P
   ULTRA BRIGHT AlINGaP CHIP LED
LTST-C150KSKT LITEON-LTST-C150KSKT Datasheet
623Kb / 11P
   Ultra bright AlInGaP Chip LED
LTST-C150KGKT LITEON-LTST-C150KGKT Datasheet
630Kb / 11P
   Ultra bright AlInGaP Chip LED
LTST-C170KRKT LITEON-LTST-C170KRKT Datasheet
294Kb / 7P
   Ultra bright AlInGap Chip LED
LTSN-B28JBGEW LITEON-LTSN-B28JBGEW Datasheet
436Kb / 20P
   ROHS/ Ultra Bright InGaN / AlInGaP Chip LED
LTSN-B28JEGBB LITEON-LTSN-B28JEGBB Datasheet
610Kb / 13P
   ROHS/ Ultra Bright InGaN / AlInGaP Chip LED
LTST-S327KGKFKT LITEON-LTST-S327KGKFKT Datasheet
433Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED/ Ultra bright AlInGaP/AlInGaP Chip LED
LTST-S321KFKT LITEON-LTST-S321KFKT Datasheet
790Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
LTST-S220KRKT LITEON-LTST-S220KRKT_14 Datasheet
324Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com