Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

64326-1005 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 64326-1005
Description  2.50 mm, 4.20mm and 8.40mm, Power CMC Receptacles, 22 Circuits, Right Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

64326-1005 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  64326-1005 Datasheet HTML 1Page - Molex Electronics Ltd. 64326-1005 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Packaging Specification
PK-98835-001
Product Specification
PS-64326-001
Sales Drawing
SD-64326-001
Unlocking Tool
for CMC and
CMX Receptacle
Connector
0638241200
This document was generated on 01/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 64326-1005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
64326-1005 MOLEX7-64326-1005 Datasheet
1Mb / 6P
   2.50 mm (.098"), 4.20mm (.165") and 8.40mm, Power CMC Receptacles, 22 CircuitsRight Wire Output, Blue Coding with Rear Seal Cover
More results

Similar Description - 64326-1005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
64326-1010 MOLEX11-64326-1010 Datasheet
60Kb / 2P
   2.50 mm, 4.20mm and 8.40mm, Power CMC Receptacles, 22 Circuits, Right Wire
64326-1001 MOLEX11-64326-1001 Datasheet
61Kb / 2P
   2.50 mm, 4.20mm and 8.40mm, Power CMC Receptacles, 22 Circuits, Right Wire
64326-1009 MOLEX11-64326-1009 Datasheet
61Kb / 2P
   2.50 mm, 4.20mm and 8.40mm, Power CMC Receptacles, 22 Circuits, Right Wire
64326-1006 MOLEX11-64326-1006 Datasheet
61Kb / 2P
   2.50 mm, 4.20mm and 8.40mm, Power CMC Receptacles, 22 Circuits, Left Wire
64326-1002 MOLEX11-64326-1002 Datasheet
61Kb / 2P
   2.50 mm, 4.20mm and 8.40mm, Power CMC Receptacles, 22 Circuits, Left Wire
0643261006 MOLEX7-0643261006 Datasheet
1Mb / 6P
   2.50 mm (.098"), 4.20mm (.165") and 8.40mm, Power CMC Receptacles, 22 Circuits,Left Wire Output, Blue Coding with Rear Seal Cover
0643261001 MOLEX7-0643261001 Datasheet
1Mb / 6P
   2.50 mm (.098"), 4.20mm (.165") and 8.40mm, Power CMC Receptacles, 22 CircuitsRight Wire Output, Brown Coding with Rear Seal Cover
0643261002 MOLEX7-0643261002 Datasheet
1Mb / 6P
   2.50 mm (.098"), 4.20mm (.165") and 8.40mm, Power CMC Receptacles, 22 CircuitsLeft Wire Output, Brown Coding with Rear Seal Cove
0643261009 MOLEX7-0643261009 Datasheet
1Mb / 6P
   2.50 mm (.098"), 4.20mm (.165") and 8.40mm, Power CMC Receptacles, 22 CircuitsRight Wire Output, Black Coding with Rear Seal Cover
0643261005 MOLEX7-0643261005 Datasheet
1Mb / 6P
   2.50 mm (.098"), 4.20mm (.165") and 8.40mm, Power CMC Receptacles, 22 CircuitsRight Wire Output, Blue Coding with Rear Seal Cover
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com