Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LZ1-00UA00-U4 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # LZ1-00UA00-U4
Description  High Efficacy VIOLET LED Emitter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LZ1-00UA00-U4 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button LZ1-00UA00-U4 Datasheet HTML 4Page - List of Unclassifed Manufacturers LZ1-00UA00-U4 Datasheet HTML 5Page - List of Unclassifed Manufacturers LZ1-00UA00-U4 Datasheet HTML 6Page - List of Unclassifed Manufacturers LZ1-00UA00-U4 Datasheet HTML 7Page - List of Unclassifed Manufacturers LZ1-00UA00-U4 Datasheet HTML 8Page - List of Unclassifed Manufacturers LZ1-00UA00-U4 Datasheet HTML 9Page - List of Unclassifed Manufacturers LZ1-00UA00-U4 Datasheet HTML 10Page - List of Unclassifed Manufacturers LZ1-00UA00-U4 Datasheet HTML 11Page - List of Unclassifed Manufacturers LZ1-00UA00-U4 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
LED Engin | 651 River Oaks Parkway | San Jose, CA 95134 USA | ph +1 408 922 7200 | fax +1 408 922 0158 | em sales@ledengin.com | www.ledengin.com
COPYRIGHT © 2013 LED ENGIN. ALL RIGHTS RESERVED.
LZ1-00UA00 (5.4 – 11/18/13)
1
2
3
4
5
Mechanical Dimensions (mm)
Pin Out
Pad
Function
1
Cathode
2
Anode
3
Anode
4
Cathode
5
[2]
Thermal
Figure 1: Package outline drawing.
Notes for Figure 1:
1.
Unless otherwise noted, the tolerance = ± 0.20 mm.
2.
Thermal contact, Pad 5, is electrically neutral.
Recommended Solder Pad Layout (mm)
Figure 2a: Recommended solder pad layout for anode, cathode, and thermal pad
Note for Figure 2a:
1.
Unless otherwise noted, the tolerance = ± 0.20 mm.


Similar Part No. - LZ1-00UA00-U4

ManufacturerPart #DatasheetDescription
logo
ams AG
LZ1-00UBN0 AMSCO-LZ1-00UBN0 Datasheet
1Mb / 23P
   Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.1 2023-02-11
LZ1-00UBN0-00U4 AMSCO-LZ1-00UBN0-00U4 Datasheet
1Mb / 23P
   Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.1 2023-02-11
LZ1-00UBN0-00U5 AMSCO-LZ1-00UBN0-00U5 Datasheet
1Mb / 23P
   Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.1 2023-02-11
LZ1-00UBN0-00U8 AMSCO-LZ1-00UBN0-00U8 Datasheet
1Mb / 23P
   Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.1 2023-02-11
More results

Similar Description - LZ1-00UA00-U4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LZ9-00NW00 ETC-LZ9-00NW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Neutral White LED Emitter
LZ9-00WW00 ETC-LZ9-00WW00 Datasheet
1Mb / 23P
   High Luminous Efficacy Warm White LED Emitter
LZ9-00CW00 ETC-LZ9-00CW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Cool White LED Emitter
LZC-00CW00 ETC2-LZC-00CW00 Datasheet
286Kb / 12P
   High Luminous Efficacy Cool White LED Emitter
logo
Lumileds Lighting Compa...
PB106 LUMILEDS-PB106 Datasheet
1Mb / 2P
   A bright, versatile and high efficacy emitter
DS106 LUMILEDS-DS106 Datasheet
2Mb / 20P
   A bright, versatile and high efficacy emitter
logo
Roithner LaserTechnik G...
SMB1N-420H ROITHNER-SMB1N-420H Datasheet
740Kb / 4P
   violet high power led
SMB1N-405V-02 ROITHNER-SMB1N-405V-02 Datasheet
660Kb / 4P
   violet high power led
SMB1N-435V ROITHNER-SMB1N-435V Datasheet
1Mb / 4P
   Violet High Power LED
SMB1N-880-02 ROITHNER-SMB1N-880-02 Datasheet
781Kb / 4P
   violet high power led
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com