Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETHC1C333LA Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # EETHC1C333LA
Description  Long life with high capacitance (30% smaller than HB series)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETHC1C333LA Datasheet(HTML) 7 Page - Panasonic Semiconductor

  EETHC1C333LA Datasheet HTML 1Page - Panasonic Semiconductor EETHC1C333LA Datasheet HTML 2Page - Panasonic Semiconductor EETHC1C333LA Datasheet HTML 3Page - Panasonic Semiconductor EETHC1C333LA Datasheet HTML 4Page - Panasonic Semiconductor EETHC1C333LA Datasheet HTML 5Page - Panasonic Semiconductor EETHC1C333LA Datasheet HTML 6Page - Panasonic Semiconductor EETHC1C333LA Datasheet HTML 7Page - Panasonic Semiconductor EETHC1C333LA Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Aluminum Electrolytic Capacitors
TS-HC Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
390
25 x 50
1.55
2.17
0.468
0.210
30 x 35
1.40
1.96
0.468
0.210
30 x 40
1.55
2.17
0.468
0.210
35 x 30
1.55
2.17
0.468
0.210
470
30 x 45
1.68
2.35
0.388
0.175
35 x 35
1.68
2.35
0.388
0.175
560
30 x 45
1.90
2.66
0.326
0.147
30 x 50
1.90
2.66
0.326
0.147
35 x 40
1.90
2.66
0.326
0.147
680
35 x 45
2.12
2.97
0.268
0.121
820
35 x 50
2.30
3.22
0.202
0.091
120
22 x 30
0.74
1.04
1.520
0.684
25 x 25
0.74
1.04
1.520
0.684
150
22 x 35
0.84
1.18
1.216
0.547
180
22 x 40
0.91
1.27
1.103
0.456
25 x 30
0.91
1.27
1.103
0.456
220
22 x 45
1.05
1.47
0.829
0.373
25 x 35
1.05
1.47
0.829
0.373
30 x 25
1.05
1.47
0.829
0.373
270
22 x 50
1.20
1.68
0.675
0.304
25 x 40
1.20
1.68
0.675
0.304
30 x 30
1.20
1.68
0.675
0.304
35 x 25
1.20
1.68
0.675
0.304
330
25 x 50
1.42
1.99
0.553
0.249
330
30 x 35
1.42
1.99
0.553
0.249
35 x 35
1.42
1.99
0.553
0.249
390
30 x 40
1.55
2.17
0.468
0.210
35 x 35
1.55
2.17
0.468
0.210
470
30 x 45
1.71
2.39
0.388
0.175
35 x 35
1.71
2.39
0.388
0.175
560
30 x 50
1.90
2.66
0.326
0.147
35 x 45
1.90
2.66
0.326
0.147
680
35 x 50
2.10
2.94
0.268
0.121
100
22 x 30
0.64
0.90
1.824
0.821
25 x 25
0.64
0.90
1.824
0.821
120
22 x 35
0.72
1.01
1.520
0.684
25 x 30
0.72
1.01
1.520
0.684
150
22 x 35
0.79
1.11
1.216
0.547
22 x 40
0.79
1.11
1.216
0.547
25 x 30
0.79
1.11
1.216
0.547
30 x 25
0.79
1.11
1.216
0.547
180
22 x 45
0.87
1.22
1.013
0.456
25 x 35
0.87
1.22
1.013
0.456
25 x 40
0.87
1.22
1.013
0.456
30 x 25
0.87
1.22
1.013
0.456
30 x 30
0.87
1.22
1.013
0.456
220
22 x 50
1.00
1.40
0.829
0.373
25 x 40
1.00
1.40
0.829
0.373
25 x 45
1.00
1.40
0.829
0.373
30 x 30
1.00
1.40
0.829
0.373
35 x 25
1.00
1.40
0.829
0.373
270
25 x 45
1.19
1.67
0.675
0.304
25 x 50
1.19
1.67
0.675
0.304
30 x 35
1.19
1.67
0.675
0.304
30 x 40
1.19
1.67
0.675
0.304
35 x 30
1.19
1.67
0.675
0.304
330
25 x 50
1.38
1.93
0.553
0.249
30 x 40
1.38
1.93
0.553
0.249
30 x 45
1.38
1.93
0.553
0.249
35 x 30
1.38
1.93
0.553
0.249
35 x 35
1.38
1.93
0.553
0.249
EETHC2G821LA
EETHC2G821LJ
EETHC2G561LA
EETHC2G561LJ
EETHC2G681LA
EETHC2G681LJ
EETHC2G561KF
EETHC2G561KC
EETHC2G561KA
EETHC2G561KJ
EETHC2G391LJ
EETHC2G471KA
EETHC2G471KJ
EETHC2G471LA
EETHC2G471LJ
EETHC2S121JA
PVC with Top Plate
Size (mm)
Max 85°C R.C. (Arms)
20°C ESR ( , max.)
Panasonic Part Number (By Sleeving Style)
Part numbers shown with 2 pins and 4.0mm length terminals
EETHC2S221JA
EETHC2S221KA
EETHC2S271HA
420 VDC Working, 470 VDC Surge
EETHC2S181HA
EETHC2S151HA
EETHC2S181HJ
EETHC2S181JJ
EETHC2S221HJ
EETHC2S221JJ
EETHC2W181HA
EETHC2S331LA
EETHC2S271JA
EETHC2S271KA
EETHC2S271LA
EETHC2S331KA
EETHC2W151KA
37
EETHC2S681LA
EETHC2W121HA
EETHC2W151JA
EETHC2W121JA
EETHC2W101HJ
EETHC2W101JJ
EETHC2W101HA
EETHC2W151JJ
EETHC2W181JF
EETHC2S561KA
EETHC2S561LA
EETHC2S181JA
EETHC2S221HA
EETHC2S471LA
EETHC2S391KA
EETHC2S391LA
EETHC2S471KA
EETHC2S331JA
EETHC2S151HJ
EETHC2S121HJ
EETHC2S121JJ
PET without Top Plate
400 VDC Working, 450 VDC Surge (continued)
EETHC2G391KA
EETHC2G391KJ
EETHC2G391LA
EETHC2S121HA
D x L
EETHC2S221KJ
EETHC2S271HJ
EETHC2S271JJ
EETHC2S681LJ
EETHC2S331LJ
EETHC2S391KJ
EETHC2S271KJ
EETHC2S331KJ
EETHC2S271LJ
EETHC2S331JJ
EETHC2S391LJ
EETHC2S471KJ
EETHC2W121HJ
EETHC2W121JJ
EETHC2S471LJ
EETHC2S561KJ
EETHC2S561LJ
450 VDC Working, 500 VDC Surge
EETHC2W151HF
EETHC2W151HC
EETHC2W101JA
EETHC2W331LF
EETHC2W331LA
EETHC2W271KF
EETHC2W181JA
EETHC2W181KA
EETHC2W221HA
EETHC2W221JA
EETHC2W181KF
EETHC2W271KA
EETHC2W271LA
EETHC2W331JF
EETHC2W331KA
EETHC2W331KF
EETHC2W331LJ
EETHC2W331KC
EETHC2W331LC
EETHC2W181HJ
EETHC2W181JC
EETHC2W181JJ
EETHC2W181KJ
EETHC2W221HJ
EETHC2W221JJ
EETHC2W221KJ
EETHC2W271KJ
EETHC2W271LJ
EETHC2W331JC
EETHC2W331KJ
EETHC2W271JC
EETHC2W271KC
EETHC2W221LJ
EETHC2W151KJ
EETHC2W271JF
EETHC2W221JF
EETHC2W221JC
EETHC2W221KA
EETHC2W221LA
EETHC2G391JA
EETHC2G391JJ
EETHC2G391KF
EETHC2G391KC
EETHC2W181KC
EETHC2W151HA
EETHC2W151HJ
EETHC2W271JA
EETHC2W271JJ


Similar Part No. - EETHC1C333LA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETHC1C333LA PANASONIC-EETHC1C333LA Datasheet
96Kb / 8P
   Long life with high capacitance (30% smaller than HB series)
EETHC1C333LA PANASONIC-EETHC1C333LA Datasheet
90Kb / 8P
   Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
More results

Similar Description - EETHC1C333LA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EET-HC2C222LA PANASONIC-EET-HC2C222LA Datasheet
96Kb / 8P
   Long life with high capacitance (30% smaller than HB series)
EET-HC2W151CA PANASONIC-EET-HC2W151CA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2W561EA PANASONIC-EET-HC2W561EA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2G821EA PANASONIC-EET-HC2G821EA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2E471CA PANASONIC-EET-HC2E471CA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2G221DA PANASONIC-EET-HC2G221DA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
logo
Panasonic Battery Group
EETHC1A123BA PANASONICBATTERY-EETHC1A123BA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series) Can vent construction
logo
Cornell Dubilier Electr...
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
500C273U6R3AK2B CDE-500C273U6R3AK2B Datasheet
230Kb / 15P
   Long Life, High Capacitance Screw Terminal Type
logo
Coilcraft lnc.
0302CS-10NXJLU COILCRAFT-0302CS-10NXJLU Datasheet
149Kb / 2P
   20% smaller than our 0402CS inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com