Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSCT2907ALT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSCT2907ALT1G
Description  General Purpose Transistors PNP Silicon
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSCT2907ALT1G Datasheet(HTML) 3 Page - ON Semiconductor

  NSCT2907ALT1G Datasheet HTML 1Page - ON Semiconductor NSCT2907ALT1G Datasheet HTML 2Page - ON Semiconductor NSCT2907ALT1G Datasheet HTML 3Page - ON Semiconductor NSCT2907ALT1G Datasheet HTML 4Page - ON Semiconductor NSCT2907ALT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NSCT2907ALT1G
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 3. DC Current Gain
IC, COLLECTOR CURRENT (mA)
0.3
0.5
0.7
1.0
3.0
0.2
−0.1
TJ = 125°C
25°C
−55 °C
VCE = −1.0 V
VCE = −10 V
2.0
−0.2 −0.3
−0.5 −0.7 −1.0
−2.0 −3.0
−5.0 −7.0 −10
−20
−30
−50 −70 −100
−200 −300 −500
Figure 4. Collector Saturation Region
IB, BASE CURRENT (mA)
−0.4
−0.6
−0.8
−1.0
−0.2
0
IC = −1.0 mA
−0.005
−10 mA
−0.01
−100 mA
−500 mA
−0.02 −0.03 −0.05 −0.07 −0.1
−0.2 −0.3
−0.5 −0.7 −1.0
−2.0
−3.0
−5.0 −7.0 −10
−20 −30
−50
Figure 5. Turn−On Time
IC, COLLECTOR CURRENT
300
−5.0
Figure 6. Turn−Off Time
IC, COLLECTOR CURRENT (mA)
−5.0
200
100
70
50
30
20
10
7.0
5.0
3.0
−7.0 −10
−20 −30
−50 −70 −100
−200 −300 −500
tr
2.0 V
td @ VBE(off) = 0 V
VCC = −30 V
IC/IB = 10
TJ = 25°C
500
300
100
70
50
30
20
10
7.0
5.0
−7.0 −10
−20 −30
−50 −70 −100
−200 −300 −500
200
tf
t′s = ts − 1/8 tf
VCC = −30 V
IC/IB = 10
IB1 = IB2
TJ = 25°C


Similar Part No. - NSCT2907ALT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSCT3906LT1G ONSEMI-NSCT3906LT1G Datasheet
83Kb / 6P
   General Purpose Transistors PNP Silicon
May, 2006 ??Rev. 0
NSCT817-25LT1G ONSEMI-NSCT817-25LT1G Datasheet
61Kb / 4P
   General Purpose Transistors
May, 2006 - Rev. 0
NSCT817-25LT3G ONSEMI-NSCT817-25LT3G Datasheet
61Kb / 4P
   General Purpose Transistors
May, 2006 - Rev. 0
NSCT817-40LT1G ONSEMI-NSCT817-40LT1G Datasheet
61Kb / 4P
   General Purpose Transistors
May, 2006 - Rev. 0
NSCT817-40LT3G ONSEMI-NSCT817-40LT3G Datasheet
61Kb / 4P
   General Purpose Transistors
May, 2006 - Rev. 0
More results

Similar Description - NSCT2907ALT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com