Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY2N-AC100110 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # LY2N-AC100110
Description  General Purpose Relay ??LY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

LY2N-AC100110 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button LY2N-AC100110 Datasheet HTML 3Page - Omron Electronics LLC LY2N-AC100110 Datasheet HTML 4Page - Omron Electronics LLC LY2N-AC100110 Datasheet HTML 5Page - Omron Electronics LLC LY2N-AC100110 Datasheet HTML 6Page - Omron Electronics LLC LY2N-AC100110 Datasheet HTML 7Page - Omron Electronics LLC LY2N-AC100110 Datasheet HTML 8Page - Omron Electronics LLC LY2N-AC100110 Datasheet HTML 9Page - Omron Electronics LLC LY2N-AC100110 Datasheet HTML 10Page - Omron Electronics LLC LY2N-AC100110 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
448
General Purpose Relay – LY
No. of poles
Coil ratings
Contact ratings
2, 4
6 to 240 VAC
7.5 A, 230 VAC (PF0.4)
6 to 110 VDC
5 A, 24 VDC (L/R=7 ms)
Approved Standards (cont.)
LR Recognitions (No. 563KOB-204523)
Engineering Data
LY1
Maximum Switching Power
Switching voltage (V)
Switching current (A)
Endurance
LY2
Maximum Switching Power
Switching voltage (V)
Endurance
Switching current (A)
LY3 and LY4
Maximum Switching Power
Switching voltage (V)
Endurance
Switching current (A)
AC resistive load
DC resistive load
AC
(cos
φ =
0.4)
DC
L/R = 7 ms
Life: 200,000
operations
AC resistive load
AC
(cos
φ =
0.4)
DC
L/R = 7 ms
DC resistive load
110 VAC resistive load
24 VDC resistive load
24 VDC (L/
R = 7ms)
110 VAC (cos
φ = 0.4)
AC resistive load
AC
(cos
φ =
0.4)
DC
L/R = 7 ms
DC resistive load
Life: 500,000
operations
24 VDC resistive load
110 VAC resistive load
110 VAC (cos
φ = 0.4)
24 VDC (L/R = 7ms)
24 VDC resistive load
110 VAC resistive load
110 VAC (cos
φ = 0.4)
24 VDC (L/R = 7ms)
15
10
5
1
0.5
0.1
10
100
500
1,000
10,000
5,000
1,000
100
02
4
6
8
10 12
14 16 18 20
10
5
1
0.5
0.1
10
100
500
1,000
10
5
1
0.5
0.1
10
100
Life: 200,000
operations
0
2
4
6
8
10 12
14 16 18 20
02
4
6
8
10 12
14 16 18 20
500
1,000
1,0000
1,000
100
1,0000
1,000
100
500
5,000
500
5,000
500
Omron A5 Catalogue 2007 419-518
11/9/06
11:03 am
Page 448


Similar Part No. - LY2N-AC100110

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
LY2N-CR OMRON-LY2N-CR Datasheet
438Kb / 15P
   General Purpose Relay
LY2N-CR OMRON-LY2N-CR Datasheet
719Kb / 16P
   General Purpose Relay
LY2N-CR OMRON-LY2N-CR Datasheet
679Kb / 16P
   General Purpose Relay
LY2N-CR OMRON-LY2N-CR Datasheet
674Kb / 16P
   General Purpose Relay
LY2N-CR OMRON-LY2N-CR Datasheet
1Mb / 16P
   General Purpose Relay
More results

Similar Description - LY2N-AC100110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com