Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETHC2D182DA Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EETHC2D182DA
Description  Highly miniaturized version (30% smaller than HB series)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETHC2D182DA Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EETHC2D182DA Datasheet HTML 1Page - Panasonic Semiconductor EETHC2D182DA Datasheet HTML 2Page - Panasonic Semiconductor EETHC2D182DA Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Aluminum Electrolytic Capacitors
TS-HC Standard Ratings (continued)
Cap.
Panasonic
Cap.
Panasonic
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
1000
25 x 35
2.20
3.08
0.199
0.090
EETHC2C102CA
330
25 x 40
1.20
1.68
0.502
0.226
EETHC2V331CA
30 x 25
2.20
3.08
0.216
0.108
EETHC2C102DA
30 x 30
1.20
1.68
0.502
0.226
EETHC2V331DA
1200
22 x 45
2.30
3.22
0.166
0.075
EETHC2C122BA
390
25 x 45
1.30
1.82
0.425
0.191
EETHC2V391CA
25 x 40
2.30
3.22
0.166
0.075
EETHC2C122CA
30 x 35
1.30
1.82
0.425
0.191
EETHC2V391DA
30 x 30
2.30
3.22
0.166
0.075
EETHC2C122DA
470
25 x 50
1.40
1.96
0.353
0.159
EETHC2V471CA
35 x 25
2.30
3.22
0.180
0.090
EETHC2C122EA
35 x 30
1.40
1.96
0.353
0.159
EETHC2V471EA
1500
25 x 45
2.50
3.50
0.133
0.060
EETHC2C152CA
560
30 x 45
1.50
2.10
0.296
0.133
EETHC2V561DA
30 x 35
2.50
3.50
0.133
0.060
EETHC2C152DA
35 x 35
1.50
2.10
0.296
0.133
EETHC2V561EA
35 x 30
2.50
3.50
0.155
0.077
EETHC2C152EA
680
30 x 50
1.70
2.38
0.244
0.110
EETHC2V681DA
1800
25 x 50
2.70
3.78
0.111
0.050
EETHC2C182CA
35 x 40
1.70
2.38
0.244
0.110
EETHC2V681EA
30 x 40
2.70
3.78
0.111
0.050
EETHC2C182DA
820
35 x 45
1.90
2.66
0.202
0.091
EETHC2V821EA
35 x 30
2.70
3.78
0.120
0.060
EETHC2C182EA
2200
30 x 45
2.90
4.06
0.090
0.041
EETHC2C222DA
100
22 x 25
0.70
0.98
1.824
0.821
EETHC2G101BA
35 x 35
2.90
4.06
0.098
0.049
EETHC2C222EA
120
22 x 30
0.75
1.05
1.520
0.684
EETHC2G121BA
2700
30 x 50
3.10
4.34
0.080
0.040
EETHC2C272DA
150
22 x 30
0.88
1.23
1.216
0.547
EETHC2G151BA
35 x 40
3.10
4.34
0.086
0.043
EETHC2C272EA
180
22 x 35
0.95
1.33
1.013
0.456
EETHC2G181BA
3300
35 x 50
3.30
4.62
0.070
0.042
EETHC2C332EA
25 x 30
0.95
1.33
1.013
0.456
EETHC2G181CA
220
22 x 45
1.10
1.54
0.829
0.373
EETHC2G221BA
390
22 x 25
1.31
1.83
0.510
0.230
EETHC2D391BA
25 x 35
1.10
1.54
0.829
0.373
EETHC2G221CA
470
22 x 30
1.45
2.03
0.423
0.190
EETHC2D471BA
30 x 25
1.10
1.54
0.829
0.373
EETHC2G221DA
560
22 x 30
1.67
2.34
0.355
0.160
EETHC2D561BA
270
22 x 50
1.22
1.71
0.675
0.304
EETHC2G271BA
680
22 x 40
1.75
2.45
0.293
0.132
EETHC2D681BA
25 x 40
1.22
1.71
0.675
0.304
EETHC2G271CA
25 x 30
1.75
2.45
0.293
0.132
EETHC2D681CA
30 x 30
1.22
1.71
0.675
0.304
EETHC2G271DA
820
22 x 45
2.04
2.86
0.243
0.109
EETHC2D821BA
35 x 25
1.22
1.71
0.675
0.304
EETHC2G271EA
25 x 35
2.04
2.86
0.243
0.109
EETHC2D821CA
330
25 x 45
1.44
2.02
0.553
0.249
EETHC2G331CA
30 x 25
2.04
2.86
0.243
0.109
EETHC2D821DA
30 x 35
1.44
2.02
0.553
0.249
EETHC2G331DA
1000
22 x 50
2.30
3.22
0.199
0.090
EETHC2D102BA
35 x 30
1.44
2.02
0.553
0.249
EETHC2G331EA
25 x 45
2.30
3.22
0.199
0.090
EETHC2D102CA
390
25 x 50
1.55
2.17
0.468
0.210
EETHC2G391CA
30 x 30
2.30
3.22
0.199
0.090
EETHC2D102DA
30 x 40
1.55
2.17
0.468
0.210
EETHC2G391DA
35 x 25
2.30
3.22
0.216
0.097
EETHC2D102EA
35 x 30
1.55
2.17
0.468
0.210
EETHC2G391EA
1200
25 x 50
2.65
3.71
0.166
0.075
EETHC2D122CA
470
30 x 45
1.68
2.35
0.388
0.175
EETHC2G471DA
30 x 35
2.65
3.71
0.166
0.075
EETHC2D122DA
35 x 35
1.68
2.35
0.388
0.175
EETHC2G471EA
35 x 30
2.65
3.71
0.180
0.090
EETHC2D122EA
560
30 x 50
1.90
2.66
0.326
0.147
EETHC2G561DA
1500
30 x 40
2.80
3.92
0.133
0.060
EETHC2D152DA
35 x 40
1.90
2.66
0.326
0.147
EETHC2G561EA
35 x 30
2.80
3.92
0.144
0.072
EETHC2D152EA
680
35 x 45
2.12
2.97
0.268
0.121
EETHC2G681EA
1800
30 x 45
3.08
4.31
0.111
0.050
EETHC2D182DA
35 x 40
3.08
4.31
0.129
0.064
EETHC2D182EA
100
22 x 30
0.64
0.90
1.824
0.821
EETHC2W101BA
2200
30 x 50
3.48
4.87
0.090
0.041
EETHC2D222DA
25 x 25
0.64
0.90
1.824
0.821
EETHC2W101CA
35 x 45
3.48
4.87
0.098
0.044
EETHC2D222EA
120
22 x 35
0.72
1.01
1.520
0.684
EETHC2W121BA
25 x 30
0.72
1.01
1.520
0.684
EETHC2W121CA
270
22 x 25
1.10
1.54
0.614
0.276
EETHC2E271BA
150
22 x 40
0.79
1.11
1.216
0.547
EETHC2W151BA
330
22 x 30
1.20
1.68
0.502
0.226
EETHC2E331BA
25 x 30
0.79
1.11
1.216
0.547
EETHC2W151CA
25 x 25
1.20
1.68
0.502
0.226
EETHC2E331CA
30 x 25
0.79
1.11
1.216
0.547
EETHC2W151DA
390
22 x 35
1.30
1.82
0.425
0.191
EETHC2E391BA
180
22 x 45
0.87
1.22
1.013
0.456
EETHC2W181BA
25 x 25
1.30
1.82
0.425
0.191
EETHC2E391CA
25 x 40
0.87
1.22
1.013
0.456
EETHC2W181CA
470
22 x 40
1.40
1.96
0.353
0.159
EETHC2E471BA
30 x 30
0.87
1.22
1.013
0.456
EETHC2W181DA
25 x 30
1.40
1.96
0.353
0.159
EETHC2E471CA
220
25 x 45
1.00
1.40
0.829
0.373
EETHC2W221CA
30 x 25
1.40
1.96
0.353
0.159
EETHC2E471DA
30 x 30
1.00
1.40
0.829
0.373
EETHC2W221DA
560
22 x 45
1.50
2.10
0.296
0.133
EETHC2E561BA
220
35 x 25
1.00
1.40
0.829
0.373
EETHC2W221EA
25 x 35
1.50
2.10
0.296
0.133
EETHC2E561CA
270
25 x 50
1.19
1.67
0.675
0.304
EETHC2W271CA
30 x 25
1.50
2.10
0.296
0.133
EETHC2E561DA
30 x 40
1.19
1.67
0.675
0.304
EETHC2W271DA
680
22 x 50
1.70
2.38
0.244
0.110
EETHC2E681BA
35 x 30
1.19
1.67
0.675
0.304
EETHC2W271EA
25 x 40
1.70
2.38
0.244
0.110
EETHC2E681CA
330
30 x 45
1.38
1.93
0.553
0.249
EETHC2W331DA
30 x 30
1.70
2.38
0.244
0.110
EETHC2E681DA
35 x 35
1.38
1.93
0.553
0.249
EETHC2W331EA
35 x 25
1.70
2.38
0.244
0.110
EETHC2E681EA
390
30 x 50
1.55
2.17
0.468
0.210
EETHC2W391DA
820
25 x 45
2.00
2.80
0.202
0.091
EETHC2E821CA
35 x 40
1.55
2.17
0.468
0.210
EETHC2W391EA
30 x 35
2.00
2.80
0.202
0.091
EETHC2E821DA
470
35 x 45
1.74
2.44
0.388
0.175
EETHC2W471EA
35 x 30
2.00
2.80
0.202
0.091
EETHC2E821EA
560
35 x 50
1.90
2.66
0.326
0.147
EETHC2W561EA
1000
30 x 40
2.20
3.08
0.166
0.075
EETHC2E102DA
1200
30 x 45
2.30
3.22
0.138
0.062
EETHC2E122DA
1500
35 x 45
2.50
3.50
0.111
0.050
EETHC2E152EA
1800
35 x 50
2.70
3.78
0.092
0.041
EETHC2E182EA
120
22 x 25
0.75
1.05
1.382
0.622
EETHC2V121BA
150
22 x 30
0.82
1.15
1.105
0.497
EETHC2V151BA
180
22 x 30
0.90
1.26
0.921
0.414
EETHC2V181BA
25 x 25
0.90
1.26
0.921
0.414
EETHC2V181CA
220
22 x 35
1.00
1.40
0.754
0.339
EETHC2V221BA
25 x 30
1.00
1.40
0.754
0.339
EETHC2V221CA
270
25 x 35
1.10
1.54
0.614
0.276
EETHC2V271CA
30 x 25
1.10
1.54
0.614
0.276
EETHC2V271DA
250 VDC Working, 300 VDC Surge
Size (mm)
Size (mm)
Max 105°C R.C. (Arms)
24
350 VDC Working, 400 VDC Surge (continued)
D x L
20°C ESR (Ω, max.)
D x L
Max 105°C R.C. (Arms)
20°C ESR (Ω, max.)
160 VDC Working, 200 VDC Surge (continued)
400 VDC Working, 450 VDC Surge
450 VDC Working, 500 VDC Surge
350 VDC Working, 400 VDC Surge
200 VDC Working, 250 VDC Surge


Similar Part No. - EETHC2D182DA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETHC2D182DA PANASONIC-EETHC2D182DA Datasheet
344Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
EETHC2D182DA PANASONIC-EETHC2D182DA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EETHC2D182DA PANASONIC-EETHC2D182DA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
More results

Similar Description - EETHC2D182DA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EET-HC2W561EA PANASONIC-EET-HC2W561EA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2G821EA PANASONIC-EET-HC2G821EA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2E471CA PANASONIC-EET-HC2E471CA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2G221DA PANASONIC-EET-HC2G221DA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
logo
Panasonic Battery Group
EETHC1A123BA PANASONICBATTERY-EETHC1A123BA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series) Can vent construction
logo
Panasonic Semiconductor
EET-HC2C222LA PANASONIC-EET-HC2C222LA Datasheet
96Kb / 8P
   Long life with high capacitance (30% smaller than HB series)
EET-HC2G821LA PANASONIC-EET-HC2G821LA Datasheet
96Kb / 8P
   Long life with high capacitance (30% smaller than HB series)
logo
Coilcraft lnc.
0302CS-10NXJLU COILCRAFT-0302CS-10NXJLU Datasheet
149Kb / 2P
   20% smaller than our 0402CS inductors
logo
Murata Manufacturing Co...
PV37X100C01B00 MURATA1-PV37X100C01B00_V01 Datasheet
229Kb / 3P
   Smaller volume (about one-third) than 25-turn potentiometer
08/30/2022
PV37W203C01B00 MURATA1-PV37W203C01B00_V01 Datasheet
228Kb / 3P
   Smaller volume (about one-third) than 25-turn potentiometer
08/30/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com