Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY1N-AC110120 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # LY1N-AC110120
Description  General Purpose Relay ??LY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

LY1N-AC110120 Datasheet(HTML) 4 Page - Omron Electronics LLC

  LY1N-AC110120 Datasheet HTML 1Page - Omron Electronics LLC LY1N-AC110120 Datasheet HTML 2Page - Omron Electronics LLC LY1N-AC110120 Datasheet HTML 3Page - Omron Electronics LLC LY1N-AC110120 Datasheet HTML 4Page - Omron Electronics LLC LY1N-AC110120 Datasheet HTML 5Page - Omron Electronics LLC LY1N-AC110120 Datasheet HTML 6Page - Omron Electronics LLC LY1N-AC110120 Datasheet HTML 7Page - Omron Electronics LLC LY1N-AC110120 Datasheet HTML 8Page - Omron Electronics LLC LY1N-AC110120 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
445
General Purpose Relay – LY
Characteristics
Item
All except Relays with bifurcated contacts
Relays with bifurcated contacts
Contact resistance
50 mΩ max.
Operate time
25 ms max.
Release time
25 ms max.
Max. operating frequency
Mechanical: 18,000 operations/hr
Electrical: 1,800 operations/hr (under rated load)
Insulation resistance
100 MΩ min. (at 500 VDC)
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min between contacts of same polarity
2,000 VAC, 50/60 Hz for 1 min between contacts of different polarity
Vibration resistance
Destruction: 10 to 55 to 10 Hz, 0.5 mm single amplitude (1.0 mm double amplitude)
Malfunction: 10 to 55 to 10 Hz, 0.5 mm single amplitude (1.0 mm double amplitude)
Shock resistance
Destruction: 1,000 m/s2
Malfunction: 200 m/s2
Endurance
Mechanical: AC: 50,000,000 operations min. (at 18,000 operations/hr)
DC: 1,00,000,000 operations min. (at 18,000 operations/hr)
Electrical: Single-, three-, and four-pole: 200,000 operations min.
(at 1,800 operations/hr under rated load)
Double-pole: 500,000 operations min. (at 1,800 operations/hr under rated load)
Ambient temperature*
Operating:
Single- and double-pole standard, bifurcated-contact Relays: –25°C to 55°C (with no icing)
(–25°C to 70°C if carry current is 4 A or less)
All other Relays: –25°C to 40°C (with no icing)
(–25°C to 55°C if carry current is 4 A or less)
Ambient humidity
Operating: 5% to 85%
Weight
Single- and double-pole: approx. 40 g, three-pole: approx. 50 g, four-pole: approx. 70 g
Note: 1. The values given above are initial values
2. The upper limit of 40°C for some Relays is because of the relationship between diode junction temperature and the element
used.
Contact Rating
Relay
Single Contact
Bifurcated contacts
1-pole
2-, 3- or 4-pole
2-pole
Load
Resistive load
Inductive load
Resistive load
Inductive load
Resistive load
Inductive load
(cosϕ = 1)
(cosϕ = 0.4,
(cosϕ = 1)
(cosϕ = 0.4,
(cosϕ = 1)
(cosϕ = 0.4,
L/R = 7 ms)
L/R = 7 ms)
L/R = 7 ms)
Rated Load
110 VAC 15 A
110 VAC 10 A
110 VAC 10 A
110 VAC 7.5 A
110 VAC 5A
110 VAC 4 A
24 VDC 15 A
24 VDC 7 A
24 VDC 10 A
24 VDC 5 A
24 VDC 5 A
24 VDC 4A
Rated Carry
15 A
10 A
7 A
Current
Max. switching
250 VAC
250 VAC
250 VAC
voltage
125 VDC
125 VDC
125 VDC
Max. switching
15 A
10 A
7 A
current
Max. switching
1,700 VA
1,100 VA
1,100 VA
825 VA
550 VA
440 VA
power
360 W
170 W
240 W
120 W
120 W
100 W
Failure rate
100 mA, 5 VDC
100 mA, 5 VDC
100 mA, 5 VDC
(reference value)*
*Note: P level: λ60 = 0.1 x 10
-6/operation
Omron A5 Catalogue 2007 419-518
11/9/06
11:03 am
Page 445


Similar Part No. - LY1N-AC110120

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
LY1N-CR OMRON-LY1N-CR Datasheet
438Kb / 15P
   General Purpose Relay
LY1N-CR OMRON-LY1N-CR Datasheet
719Kb / 16P
   General Purpose Relay
LY1N-CR OMRON-LY1N-CR Datasheet
679Kb / 16P
   General Purpose Relay
LY1N-CR OMRON-LY1N-CR Datasheet
674Kb / 16P
   General Purpose Relay
LY1N-CR OMRON-LY1N-CR Datasheet
1Mb / 16P
   General Purpose Relay
More results

Similar Description - LY1N-AC110120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com