Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCLE100E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # NTCLE100E3
Description  NTC Thermistors, Radial Leaded, Standard Precision
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE100E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  NTCLE100E3 Datasheet HTML 1Page - Vishay Siliconix NTCLE100E3 Datasheet HTML 2Page - Vishay Siliconix NTCLE100E3 Datasheet HTML 3Page - Vishay Siliconix NTCLE100E3 Datasheet HTML 4Page - Vishay Siliconix NTCLE100E3 Datasheet HTML 5Page - Vishay Siliconix NTCLE100E3 Datasheet HTML 6Page - Vishay Siliconix NTCLE100E3 Datasheet HTML 7Page - Vishay Siliconix NTCLE100E3 Datasheet HTML 8Page - Vishay Siliconix NTCLE100E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NTCLE100E3
www.vishay.com
Vishay BCcomponents
Revision: 24-Aug-12
3
Document Number: 29049
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEMPERATURE DEVIATION AS A FUNCTION
OF THE AMBIENT TEMPERATURE
TEMPERATURE DEVIATION AS A FUNCTION
OF THE AMBIENT TEMPERATURE
TEMPERATURE DEVIATION AS A FUNCTION
OF THE AMBIENT TEMPERATURE
TEMPERATURE DEVIATION AS A FUNCTION
OF THE AMBIENT TEMPERATURE
TEMPERATURE DEVIATION AS A FUNCTION
OF THE AMBIENT TEMPERATURE
TEMPERATURE DEVIATION AS A FUNCTION
OF THE AMBIENT TEMPERATURE
Curves valid for 2.2 k
Ω to 10 kΩ
Curve 1:
ΔR25/R25 = 5 %
Curve 2:
ΔR25/R25 = 3 %
Curve 3:
ΔR25/R25 = 2 %
Curve 4:
ΔR25/R25 = 1 %
(for NTCLE203E3 series only)
40
160
3.0
0
1.0
2.0
2.5
0.5
1.5
040
80
120
1
2
4
3
ΔT
(K)
T (°C)
-
Curves valid for 33 k
Ω to 47 kΩ
Curve 1:
ΔR25/R25 = 5 %
Curve 2:
ΔR25/R25 = 3 %
Curve 3:
ΔR25/R25 = 2 %
Curve 4:
ΔR25/R25 = 1 %
(for NTCLE203E3 series only)
-
40
160
4.0
0
1.0
2.0
2.5
0.5
1.5
3.5
3.0
0
40
80
120
1
2
3
ΔT
(K)
T (°C)
4
Curves valid for 150 k
Ω to 220 kΩ
Curve 1:
ΔR25/R25 = 5 %
Curve 2:
ΔR25/R25 = 3 %
Curve 3:
ΔR25/R25 = 2 %
T (°C)
-
40
160
6
0
2
4
5
1
3
0
40
80
120
3
ΔT
(K)
2
1
Curves valid for 12 k
Ω to 22 kΩ
Curve 1:
ΔR25/R25 = 5 %
Curve 2:
ΔR25/R25 = 3 %
Curve 3:
ΔR25/R25 = 2 %
T (°C)
-
40
160
0
2
4
5
1
3
0
40
80
120
1
2
3
ΔT
(K)
Curves valid for 68 k
Ω to 100 kΩ
Curve 1:
ΔR25/R25 = 5 %
Curve 2:
ΔR25/R25 = 3 %
Curve 3:
ΔR25/R25 = 2 %
Curve 4:
ΔR25/R25 = 1 %
(for NTCLE203E3 series only)
T (°C)
-
40
160
4.0
0
1.0
2.0
2.5
0.5
1.5
3.5
3.0
0
40
80
120
3
ΔT
(K)
4
2
1
Curves valid for 330 k
Ω to 470 kΩ
Curve 1:
ΔR25/R25 = 5 %
Curve 2:
ΔR25/R25 = 3 %
Curve 3:
ΔR25/R25 = 2 %
T (°C)
-
40
160
4.0
0
1.0
2.0
2.5
0.5
1.5
3.5
3.0
040
80
120
1
3
ΔT
(K)
2


Similar Part No. - NTCLE100E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE100E3 VISHAY-NTCLE100E3 Datasheet
100Kb / 5P
   NTC Thermistors, Special Accuracy
Revision: 14-Sep-06
NTCLE100E3 VISHAY-NTCLE100E3 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3 VISHAY-NTCLE100E3 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3 VISHAY-NTCLE100E3 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3 VISHAY-NTCLE100E3 Datasheet
200Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 22-Dec-16
More results

Similar Description - NTCLE100E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE100E3473JB0 VISHAY-NTCLE100E3473JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3223JB0 VISHAY-NTCLE100E3223JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3103HB0 VISHAY-NTCLE100E3103HB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3 VISHAY-NTCLE100E3_16 Datasheet
200Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 22-Dec-16
NTCLE100E3 VISHAY-NTCLE100E3_V01 Datasheet
208Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
01-Jan-2022
NTCLE100E3102HB0 VISHAY-NTCLE100E3102HB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3472JB0 VISHAY-NTCLE100E3472JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3103GB0 VISHAY-NTCLE100E3103GB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE101E3SB0 VISHAY-NTCLE101E3SB0 Datasheet
92Kb / 5P
   NTC Thermistors, Radial Leaded Special Accuracy
Revision: 06-Jul-11
01C1002FP VISHAY-01C1002FP Datasheet
101Kb / 5P
   NTC Thermistors, Radial Leaded and Coated
Revision: 12-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com