Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM6519AHARUB6F Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM6519AHARUB6F
Description  4-pin Smart Reset?
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6519AHARUB6F Datasheet(HTML) 1 Page - STMicroelectronics

  STM6519AHARUB6F Datasheet HTML 1Page - STMicroelectronics STM6519AHARUB6F Datasheet HTML 2Page - STMicroelectronics STM6519AHARUB6F Datasheet HTML 3Page - STMicroelectronics STM6519AHARUB6F Datasheet HTML 4Page - STMicroelectronics STM6519AHARUB6F Datasheet HTML 5Page - STMicroelectronics STM6519AHARUB6F Datasheet HTML 6Page - STMicroelectronics STM6519AHARUB6F Datasheet HTML 7Page - STMicroelectronics STM6519AHARUB6F Datasheet HTML 8Page - STMicroelectronics STM6519AHARUB6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
This is information on a product in full production.
January 2013
Doc ID 022111 Rev 6
1/25
1
STM6519
4-pin Smart Reset™
Datasheet - production data
Features
Operating voltage range 2 V to 5.5 V
Low supply current 1
μA
Integrated test mode
Single Smart Reset™ push-button input with
fixed extended reset setup delay (tSRC) from
0.5 s to 10 s in 0.5 s steps (typ.), option with
internal input pull-up resistor
Push-button controlled reset pulse duration
– Option 1: fully push-button controlled, no
fixed or minimum pulse width guaranteed
– Option 2: defined output reset pulse
duration (tREC), factory-programmed
Single reset output
– Active-low or active-high
– Push-pull or open drain with optional
pull-up resistor
Fixed Smart Reset input logic voltage levels
Operating temperature: -40 °C to +85 °C
UDFN4 package 1.00 mm x 1.45 mm and
UDFN6 package 1.00 mm x 1.45 mm
ECOPACK®2 (RoHS compliant, Halogen-
Free)
Applications
Mobile phones, smartphones, PDAs
e-books
MP3 players
Games
Portable navigation devices
Any application that requires delayed reset
push-button response for improved system
stability
UDFN6 1.00 mm x 1.45 mm
UDFN4 1.00 mm x 1.45 mm
www.st.com


Similar Part No. - STM6519AHARUB6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6510 STMICROELECTRONICS-STM6510 Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510LCACDG6F STMICROELECTRONICS-STM6510LCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510MCACDG6F STMICROELECTRONICS-STM6510MCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510RCACDG6F STMICROELECTRONICS-STM6510RCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
STM6510SCACDG6F STMICROELECTRONICS-STM6510SCACDG6F Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
More results

Similar Description - STM6519AHARUB6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SR2 STMICROELECTRONICS-SR2 Datasheet
474Kb / 22P
   6 pin Smart Reset?
May 2014
logo
Microchip Technology
TC1270 MICROCHIP-TC1270_07 Datasheet
674Kb / 14P
   4-Pin Reset Monitors
2007
TCM811 MICROCHIP-TCM811_07 Datasheet
491Kb / 16P
   4-Pin Reset Monitors
2007
logo
STMicroelectronics
AN3261 STMICROELECTRONICS-AN3261 Datasheet
635Kb / 17P
   The Smart Reset
L9779WD-SPI STMICROELECTRONICS-L9779WD-SPI Datasheet
1Mb / 141P
   Smart reset function
logo
Seaward Electronics Inc...
SE811 SEAWARD-SE811 Datasheet
235Kb / 8P
   4-Pin Microprocessor Reset Monitor
logo
Microchip Technology
TCM811 MICROCHIP-TCM811 Datasheet
258Kb / 14P
   4-Pin Microcontroller Reset Monitors
2002
logo
Renesas Technology Corp
M61041FP RENESAS-M61041FP_15 Datasheet
428Kb / 31P
   4-Battery Version, No Reset Pin
M61042FP RENESAS-M61042FP Datasheet
298Kb / 33P
   4-Battery Version, No Reset Pin
M61041FP RENESAS-M61041FP Datasheet
397Kb / 29P
   4-Battery Version, No Reset Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com