Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E69-0004 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # E69-0004
Description  Options and ordering codes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

E69-0004 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  E69-0004 Datasheet HTML 1Page - List of Unclassifed Manufacturers E69-0004 Datasheet HTML 2Page - List of Unclassifed Manufacturers E69-0004 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.imopc.com
Switch Rating
AB
D1
EF
H
20A to 40A
130
98
2xM20/25
75
100
77
63A and 80A
200
120
M40.5/
95
165
86
32.5 + 16.5
Isolators 69 Series continued
69Series/07/08
Dimensions
69-3020
69-3025
69-3032
69-3040
69-3063
69-3080
PE/LB/PM/DM . . .
69-4020
69-4025
69-4032
69-4040
69-4063
69-4080
Rated insulation voltage
Ui
690
690
690
690
690
6
Rated thermal current
Ith
20A
25A
32A
40A
63A
80A
Ratings @ 415V
AC21
A
20
25
32
40
63
80
AC22
A
20
25
32
40
63
80
AC23
Kw
5.5
7.5
11
15
18.5
22
Making capacity @ 415V
Aeff
120
150
220
300
370
44
Breaking capacity @ 415V
Aeff
110
135
200
250
330
380
Electrical life @ rated load
Mechanical life
x103
100
100
100
100
100
100
Maximum cable size
mm2
10
10
10
10
25
25
Weight
g
0.46
0.46
0.46
0.46
0.46
0.46
LB Series
H = Base plate to door, L = shaft length
L = H - 44 ± 3
Dimensions
Specification
øD1
H
B
E


Similar Part No. - E69-0004

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E69-1 OMRON-E69-1 Datasheet
553Kb / 5P
   Compact Encoder with External Diameter of 25 mm
E69-2 OMRON-E69-2 Datasheet
84Kb / 2P
   Absolute Rotary Encoder
E69-2 OMRON-E69-2 Datasheet
322Kb / 5P
   Slim Incremental 50-mm-dia. Rotary Encoder
E69-2 OMRON-E69-2 Datasheet
505Kb / 5P
   Incremental 40-mm-dia. Rotary Encoder
logo
Cherry Semiconductor Co...
E69-30A CHERRY-E69-30A Datasheet
206Kb / 3P
   PANEL MOUNT PUSHBUTTON - SINGLE POLE
More results

Similar Description - E69-0004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C1D0112S-A ETC2-C1D0112S-A Datasheet
122Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
D2C-22 ETC2-D2C-22 Datasheet
84Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
logo
Xilinx, Inc
XC3S2000-5FGG456C XILINX-XC3S2000-5FGG456C Datasheet
5Mb / 272P
   Introduction and Ordering Information
XC3S5000-5FGG676C XILINX-XC3S5000-5FGG676C Datasheet
5Mb / 272P
   Introduction and Ordering Information
logo
List of Unclassifed Man...
D2-512 ETC2-D2-512 Datasheet
84Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
D2D-53 ETC2-D2D-53 Datasheet
88Kb / 3P
   SPECIFICATIONS AND ORDERING INFORMATION
logo
Altera Corporation
EPM ALTERA-EPM Datasheet
120Kb / 2P
   Reference and Ordering Information
August 2009, version 1.6
logo
Omron Electronics LLC
A8A-223-1A OMRON-A8A-223-1A Datasheet
147Kb / 9P
   Omron Date Codes
SS-01GL-3 OMRON-SS-01GL-3 Datasheet
147Kb / 9P
   Omron Date Codes
logo
Grayhill, Inc
26ASD22 GRAYHILL-26ASD22 Datasheet
166Kb / 1P
   AVAILABLE CODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com