Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC2006CW Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPSC2006CW
Description  600 V power Schottky silicon carbide diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC2006CW Datasheet(HTML) 6 Page - STMicroelectronics

  STPSC2006CW Datasheet HTML 1Page - STMicroelectronics STPSC2006CW Datasheet HTML 2Page - STMicroelectronics STPSC2006CW Datasheet HTML 3Page - STMicroelectronics STPSC2006CW Datasheet HTML 4Page - STMicroelectronics STPSC2006CW Datasheet HTML 5Page - STMicroelectronics STPSC2006CW Datasheet HTML 6Page - STMicroelectronics STPSC2006CW Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ordering information
STPSC2006CW
6/7
Doc ID 018506 Rev 1
3
Ordering information
4
Revision history
Table 7.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
STPSC2006CW
STPSC2006CW
TO-247
4.36 g
30
Tube
Table 8.
Document revision history
Date
Revision
Changes
01-Mar-2011
1
First issue.


Similar Part No. - STPSC2006CW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC20065 STMICROELECTRONICS-STPSC20065 Datasheet
631Kb / 13P
   650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC20065-Y STMICROELECTRONICS-STPSC20065-Y Datasheet
519Kb / 11P
   Automotive 650 V power Schottky silicon carbide diode
May 2016 Rev 1
STPSC20065C STMICROELECTRONICS-STPSC20065C Datasheet
227Kb / 10P
   650 V, dual 10 A, power Schottky silicon carbide diode
April 2019 Rev 1
STPSC20065D STMICROELECTRONICS-STPSC20065D Datasheet
631Kb / 13P
   650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC20065DI STMICROELECTRONICS-STPSC20065DI Datasheet
631Kb / 13P
   650 V power Schottky silicon carbide diode
July 2017 Rev 2
More results

Similar Description - STPSC2006CW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC1006D STMICROELECTRONICS-STPSC1006D Datasheet
96Kb / 7P
   600 V power Schottky silicon carbide diode
STPSC406 STMICROELECTRONICS-STPSC406 Datasheet
108Kb / 8P
   600 V power Schottky silicon carbide diode
STPSC806 STMICROELECTRONICS-STPSC806_09 Datasheet
93Kb / 7P
   600 V power Schottky silicon carbide diode
STPSC606 STMICROELECTRONICS-STPSC606 Datasheet
106Kb / 8P
   600 V power Schottky silicon carbide diode
STPSC1206 STMICROELECTRONICS-STPSC1206 Datasheet
89Kb / 7P
   600 V power Schottky silicon carbide diode
September 2009 Rev 1
STPSC806D STMICROELECTRONICS-STPSC806D Datasheet
96Kb / 7P
   600 V power Schottky silicon carbide diode
STPSC1206D STMICROELECTRONICS-STPSC1206D Datasheet
89Kb / 7P
   600 V power Schottky silicon carbide diode
logo
WOLFSPEED, INC.
CSD01060A WOLFSPEED-CSD01060A Datasheet
1Mb / 9P
   600 V, 1 A Silicon Carbide Schottky Diode
Rev. 18, March 2023
logo
STMicroelectronics
STPSC6H065 STMICROELECTRONICS-STPSC6H065 Datasheet
218Kb / 14P
   650 V power Schottky silicon carbide diode
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
   650 V power Schottky silicon carbide diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com